Electronic Components Datasheet Search
  English  ▼

X  

MCP6N16 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP6N16
Description  Rail-to-Rail Input and Output
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N16 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP6N16 Datasheet HTML 37Page - Microchip Technology MCP6N16 Datasheet HTML 38Page - Microchip Technology MCP6N16 Datasheet HTML 39Page - Microchip Technology MCP6N16 Datasheet HTML 40Page - Microchip Technology MCP6N16 Datasheet HTML 41Page - Microchip Technology MCP6N16 Datasheet HTML 42Page - Microchip Technology MCP6N16 Datasheet HTML 43Page - Microchip Technology MCP6N16 Datasheet HTML 44Page - Microchip Technology MCP6N16 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
 2014 Microchip Technology Inc.
DS20005318A-page 41
MCP6N16
In some applications, it may be necessary to prevent
excessive voltages from reaching the INA inputs.
Figure 4-8 shows one approach to protecting these
inputs. D1 and D2 may be small signal silicon diodes,
Schottky diodes for lower clamping voltages or
diode-connected FETs for low leakage.
FIGURE 4-8:
Protecting the Analog Inputs
Against High Voltages.
4.3.1.3
Input Current Limits
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the currents
into the input pins (see Section 1.1 “Absolute
Maximum
Ratings †”).
This
requirement
is
independent of the voltage limits previously discussed.
Figure 4-9 shows one approach to protecting these
inputs. The resistors R1 and R2 limit the possible
current in or out of the input pins (and into D1 and D2).
The diode currents will dump onto VDD.
FIGURE 4-9:
Protecting the Analog Inputs
Against High Currents.
It is also possible to connect the diodes to the left of the
resistor R1 and R2. In this case, the currents through
the diodes D1 and D2 need to be limited by some other
mechanism. The resistors then serve as in-rush current
limiters; the DC current into the input pins (VIP and VIM)
should be very small.
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the common
mode voltage (VCM) is below ground (VSS); see
Figure 2-47.
4.3.1.4
Input Voltage Ranges
Figure 4-10 shows possible input voltage values
(VSS = 0V). Lines with a slope of +1 have constant VDM
(e.g., the VDM = 0 line). Lines with a slope of -1 have
constant VCM (e.g., the VCM =VDD/2 line).
For normal operation, VIP and VIM must be kept within
the region surrounded by the thick blue lines. The
horizontal and vertical blue lines show the limits on the
individual inputs. The blue lines with a slope of +1 show
the limits on VDM; the larger GMIN is, the closer they are
to the VDM = 0 line.
The input voltage range specifications (VIVL and VIVH)
change with the supply voltages (VSS and VDD,
respectively). The differential input range specifications
(VDML and VDMH) change with minimum gain (GMIN).
Temperature also affects these specifications.
FIGURE 4-10:
Input Voltage Ranges.
To take full advantage of VDML and VDMH, set VREF
(see Figures 1-7 and 1-8) so that the output (VOUT) is
centered between the supplies (VSS and VDD). Also set
the gain (GDM) to keep VOUT within its range.
VDD
V1
D1
V2
D2
U1
MCP6N16
min(R1,R2)>
VSS –min(V1,V2)
2mA
VDD
V1
R1
D1
V2
R2
D2
U1
MCP6N16
min(R1,R2)>
max(V1,V2)–VDD
2mA
VIP
VIM
VIVH
VIVL
0
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com