Electronic Components Datasheet Search
  English  ▼

X  

MCP6N16 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6N16
Description  Rail-to-Rail Input and Output
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N16 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6N16 Datasheet HTML 4Page - Microchip Technology MCP6N16 Datasheet HTML 5Page - Microchip Technology MCP6N16 Datasheet HTML 6Page - Microchip Technology MCP6N16 Datasheet HTML 7Page - Microchip Technology MCP6N16 Datasheet HTML 8Page - Microchip Technology MCP6N16 Datasheet HTML 9Page - Microchip Technology MCP6N16 Datasheet HTML 10Page - Microchip Technology MCP6N16 Datasheet HTML 11Page - Microchip Technology MCP6N16 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Output
Minimum Output Voltage Swing
VOL
—VSS +3
—
mV
all
RL =10kΩ, VDD =1.8V,
VDM =-VDD/(2GMIN),
VREF =VDD/2 – 0.9V
—VSS +6
—
RL =10kΩ, VDD =5.5V,
VDM =-VDD/(2GMIN),
VREF =VDD/2 – 1V
—VSS +60
VSS + 250
RL =1 kΩ, VDD =5.5V,
VDM =-VDD/(2GMIN),
VREF =VDD/2 – 1V
Maximum Output Voltage Swing
VOH
—VDD –3
—
mV
RL =10kΩ, VDD =1.8V,
VDM =VDD/(2GMIN),
VREF =VDD/2 + 0.9V
—VDD –6
—
RL =10kΩ, VDD =5.5V,
VDM =VDD/(2GMIN),
VREF =VDD/2 + 1V
VDD –250
VDD –60
—
RL =1 kΩ, VDD =5.5V,
VDM =VDD/(2GMIN),
VREF =VDD/2 + 1V
Output Short-Circuit Current
ISC
—±10
—
mA
VDD =1.8V
—±35
—
VDD =5.5V
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
all
Quiescent Current per Amplifier
IQ
0.5
1.1
1.6
mA
IO =0
POR Trip Voltage
VPRL
0.9
1.27
—
V
VPRH
—1.33
1.6
V
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VDD = 1.8V to 5.5V, VSS = GND, VCM =VDD/2, VDM =0V, VREF =VDD/2, VL =VDD/2, RL =10 kΩ
to VL, GDM =GMIN and EN = VDD; see Figures 1-7 and 1-8 (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
GMIN
Conditions
Note 1:
VCM =(VIP +VIM)/2, VDM =(VIP –VIM) and GDM =1 +RF/RG.
2:
For Design Guidance only; not tested.
3:
These specifications apply to the VIP, VIM input pair (use VCM) and to the VREF, VFG input pair (use VREF instead).
4:
This specification applies to the VIP, VIM, VREF and VFG pins individually.
5:
Figures 2-52 and 2-53 show the VIVL, VIVH, VDML and VDMH variation over temperature.
6:
See Section 1.5 “Explanation of DC Error Specifications”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com