Electronic Components Datasheet Search
  English  ▼

X  

MCP6N16 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6N16
Description  Rail-to-Rail Input and Output
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N16 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6N16 Datasheet HTML 15Page - Microchip Technology MCP6N16 Datasheet HTML 16Page - Microchip Technology MCP6N16 Datasheet HTML 17Page - Microchip Technology MCP6N16 Datasheet HTML 18Page - Microchip Technology MCP6N16 Datasheet HTML 19Page - Microchip Technology MCP6N16 Datasheet HTML 20Page - Microchip Technology MCP6N16 Datasheet HTML 21Page - Microchip Technology MCP6N16 Datasheet HTML 22Page - Microchip Technology MCP6N16 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
 2014 Microchip Technology Inc.
DS20005318A-page 19
MCP6N16
Note: Unless otherwise indicated, TA =+25°C, VDD = 1.8V to 5.5V, VSS =GND, VCM =VDD/2, VDM =0V,
VREF =VDD/2, VL =VDD/2, RL =10 kΩ to VL, CL =60pF, GDM =GMIN and EN = VDD; see Figures 1-7 and 1-8.
FIGURE 2-13:
Input Offset Voltage vs.
Power Supply Voltage, with VCM = 0V and
GMIN =1.
FIGURE 2-14:
Input Offset Voltage vs.
Power Supply Voltage, with VCM = 0V and
GMIN = 10.
FIGURE 2-15:
Input Offset Voltage vs.
Power Supply Voltage, with VCM = 0V and
GMIN = 100.
FIGURE 2-16:
Input Offset Voltage vs.
Power Supply Voltage, with VCM =VDD and
GMIN =1.
FIGURE 2-17:
Input Offset Voltage vs.
Power Supply Voltage, with VCM =VDD and
GMIN = 10.
FIGURE 2-18:
Input Offset Voltage vs.
Power Supply Voltage, with VCM =VDD and
GMIN = 100.
-10
0
10
20
30
40
50
Representative Part
V
CM = VSS
G
MIN = 1
NPBW = 2 Hz
-50
-40
-30
-20
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
25
30
Representative Part
V
CM = VSS
15
20
CM
SS
G
MIN = 10
NPBW = 2 Hz
5
10
10
-5
0
20
-15
-10
+125°C
+85°C
30
-25
-20
85 C
+25°C
-40°C
-30
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
Power Supply Voltage (V)
25
30
Representative Part
V
CM = VSS
15
20
CM
SS
G
MIN = 100
NPBW = 2 Hz
5
10
10
-5
0
20
-15
-10
+125°C
+85°C
30
-25
-20
85 C
+25°C
-40°C
-30
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
Power Supply Voltage (V)
40
50
Representative Part
V
CM = VDD
20
30
CM
DD
G
MIN = 1
NPBW = 2 Hz
10
20
-10
0
-30
-20
+125°C
+85°C
50
-40
+85°C
+25°C
-40°C
-50
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
Power Supply Voltage (V)
25
30
Representative Part
V
CM = VDD
15
20
CM
DD
G
MIN = 10
NPBW = 2 Hz
5
10
10
-5
0
20
-15
-10
+125°C
30
-25
-20
+85°C
+25°C
-40°C
-30
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
Power Supply Voltage (V)
25
30
Representative Part
V
CM = VDD
15
20
CM
DD
G
MIN = 100
NPBW = 2 Hz
5
10
10
-5
0
20
-15
-10
+125°C
+85°C
30
-25
-20
+85°C
+25°C
-40°C
-30
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5 6.06.5
Power Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com