Electronic Components Datasheet Search
  English  ▼

X  

MCP6N16 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6N16
Description  Rail-to-Rail Input and Output
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N16 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6N16 Datasheet HTML 1Page - Microchip Technology MCP6N16 Datasheet HTML 2Page - Microchip Technology MCP6N16 Datasheet HTML 3Page - Microchip Technology MCP6N16 Datasheet HTML 4Page - Microchip Technology MCP6N16 Datasheet HTML 5Page - Microchip Technology MCP6N16 Datasheet HTML 6Page - Microchip Technology MCP6N16 Datasheet HTML 7Page - Microchip Technology MCP6N16 Datasheet HTML 8Page - Microchip Technology MCP6N16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
 2014 Microchip Technology Inc.
DS20005318A-page 1
MCP6N16
Features:
• High DC Precision:
-VOS: ±17 µV (maximum, GMIN = 100)
-TC1: ±60 nV/°C (maximum, GMIN = 100)
- CMRR: 112 dB (minimum, GMIN = 100,
VDD =5.5V)
- PSRR: 110 dB (minimum, GMIN =100,
VDD =5.5V)
-gE: ±0.15% (maximum, GMIN = 10, 100)
• Flexible:
- Minimum Gain (GMIN) Options:
1, 10 and 100 V/V
- Rail-to-Rail Input and Output
- Gain Set by Two External Resistors
• Bandwidth: 500 kHz (typical, Gain = GMIN =1, 10)
• Power Supply:
-VDD: 1.8V to 5.5V
-IQ: 1.1 mA (typical)
- Power Savings (Enable) Pin: EN
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR): 111 dB at 2.4 GHz
• Extended Temperature Range: -40°C to +125°C
Typical Applications:
• High-Side Current Sensor
• Wheatstone Bridge Sensors
• Difference Amplifier with Level Shifting
• Power Control Loops
Design Aids:
• SPICE Macro Model
• Microchip Advanced Part Selector (MAPS)
• Application Notes
Description:
Microchip Technology Inc. offers the single Zero-Drift
MCP6N16 instrumentation amplifier (INA) with Enable
pin (EN) and three minimum gain options (GMIN). The
internal offset correction gives high DC precision: it has
very low offset and offset drift, and negligible 1/f noise.
Two external resistors set the gain, minimizing gain
error and drift over temperature. The reference voltage
(VREF) shifts the output voltage (VOUT).
The MCP6N16 is designed for single-supply operation,
with rail-to-rail input (no common mode crossover
distortion) and output performance. The supply voltage
range (1.8V to 5.5V) is low enough to support many
portable applications. All devices are fully specified
from -40°C to +125°C. Each part has EMI filters at the
input pins, for good EMI rejection (EMIRR).
These parts have three minimum gain options (1, 10
and 100 V/V). This allows the user to optimize the input
offset voltage and input noise for different applications.
Typical Application Circuit
Package Types
VOUT
20 kΩ
100Ω
2.49 kΩ
68.1Ω
RTD
4.99 kΩ
VDD
MCP6N16-100
10 µF
100Ω
EN
100Ω
RTD Temperature Sensor
4.99 kΩ
4.99 kΩ
MCP6N16
MSOP
VIP
VIM
VSS
VOUT
VFG
1
2
3
4
8
7
6
5 VREF
VDD
EN
MCP6N16
3×3 DFN *
VIP
VIM
VSS
VOUT
VFG
1
2
3
4
8
7
6
5 VREF
VDD
EN
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
9
Zero-Drift Instrumentation Amplifier


Similar Part No. - MCP6N16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
Rail-to-Rail Input and Output
08/02/11
MCP6N11-001 MICROCHIP-MCP6N11-001 Datasheet
5Mb / 50P
500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-002 MICROCHIP-MCP6N11-002 Datasheet
5Mb / 50P
500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-005 MICROCHIP-MCP6N11-005 Datasheet
5Mb / 50P
500 kHz, 800 關A Instrumentation Amplifier
08/02/11
MCP6N11-005E MICROCHIP-MCP6N11-005E Datasheet
5Mb / 50P
500 kHz, 800 關A Instrumentation Amplifier
08/02/11
More results

Similar Description - MCP6N16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
Low Voltage, Rail-To-Rail Input and Output CMOS
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
Rail-to-Rail, Input and Output, Instrumentation Amplifier
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Microchip Technology
MCP6N11 MICROCHIP-MCP6N11 Datasheet
5Mb / 50P
Rail-to-Rail Input and Output
08/02/11
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
Rail-to-rail input and output
March 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com