Electronic Components Datasheet Search
  English  ▼

X  

RF2162 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2162
Description  LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2162 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2162_16 Datasheet HTML 1Page - RF Micro Devices RF2162_16 Datasheet HTML 2Page - RF Micro Devices RF2162_16 Datasheet HTML 3Page - RF Micro Devices RF2162_16 Datasheet HTML 4Page - RF Micro Devices RF2162_16 Datasheet HTML 5Page - RF Micro Devices RF2162_16 Datasheet HTML 6Page - RF Micro Devices RF2162_16 Datasheet HTML 7Page - RF Micro Devices RF2162_16 Datasheet HTML 8Page - RF Micro Devices RF2162_16 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF2162
DS20160210
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
V
DC
Supply Voltage (P
OUT  31 dBm)
+4.5
V
DC
Mode Voltage (V
MODE)+3.0
V
DC
Control Voltage (V
PD)+3.0
V
DC
Input RF Power
+12
dBm
Operating Case Temperature
-30 to +110
°C
Storage Temperature
-30 to +150
°C
Moisture Sensitivity
Modified JEDEC Level 2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, V
CC =3.4V, Freq=824MHz to
849MHz unless otherwise specified
Usable Frequency Range
800
960
MHz
Typical Frequency Range
824-849
MHz
Linear Gain
28
29
31
dB
Second Harmonic (including
second harmonic trap)
-30
dBc
Max CW Output Power
31.5
dBm
Total Efficiency (AMPS mode)
50
%
Maximum Linear Output Power
(CDMA Modulation)
29
dBm
Total Linear Efficiency
30
35
%
Adjacent Channel Power Rejection
-46
-44
dBc
ACPR @ 885kHz
-58
-56
dBc
ACPR @1980kHz
Noise Power
-90
-89
dBm
VCC=3.4V; BW=30kHz; RX Band NF measure
from TX center band to RX center band.
Maximum Linear Output Power
(CDMA Modulation)
29
dBm
V
CC =3.0V
Total Efficiency (AMPS mode)
50
%
Max CW Output Power
30
30.5
31
dBm
Total Linear Efficiency
30
36
%
Adjacent Channel Power Rejection
-46
-44
dBc
ACPR @ 885kHz
-58
-56
dBc
ACPR @ 1980kHz
Input VSWR
<2:1
Output Load VSWR
10:1
No damage.
TDMA
Linear Output Power
30
dBm
Linear ACP
-29
-28
30kHZ offset
Linear ALT CP
-49
-48
60kHZ offset
Efficiency
45
46
O/P=30dBm
Power Supply
Power Supply Voltage
3.0
3.4
4.5
V
Idle Current
135
200
mA
VMODE=0V to 0.5V
VREG Current
10
15
mA
Total pins 6 and 7, VREG=2.8V
Turn On/Off time
<100
ns
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com