Electronic Components Datasheet Search
  English  ▼

X  

RF2162 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2162
Description  LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2162 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2162_16 Datasheet HTML 1Page - RF Micro Devices RF2162_16 Datasheet HTML 2Page - RF Micro Devices RF2162_16 Datasheet HTML 3Page - RF Micro Devices RF2162_16 Datasheet HTML 4Page - RF Micro Devices RF2162_16 Datasheet HTML 5Page - RF Micro Devices RF2162_16 Datasheet HTML 6Page - RF Micro Devices RF2162_16 Datasheet HTML 7Page - RF Micro Devices RF2162_16 Datasheet HTML 8Page - RF Micro Devices RF2162_16 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
16
1
13
14
15
GND
GND
RFIN
2
3
4
9
8
7
6
5
RF OUT
RF OUT
RF OUT
12
11
10
RF2162
3V 900MHz LINEAR AMPLIFIER
The RF2162 is a high-power, high-efficiency linear amplifier IC targeting 3V hand-
held systems. The device is manufactured on an advanced Gallium Arsenide Het-
erojunction Bipolar Transistor (HBT) process, and has been designed for use as the
final RF amplifier in dual-mode 3V CDMA/AMPS hand-held digital cellular equip-
ment, spread-spectrum systems, and other applications in the 800MHz to 960MHz
band. The RF2162 has an analog bias control voltage to maximize efficiency. The
device is self-contained with 50
 input and the output can be easily matched to
obtain optimum power, efficiency, and linearity characteristics. The device is pack-
aged in a compact 4mmx4mm, 16-pin, leadless chip carrier.
Features
Single 3V Supply
29dBm Linear Output Power
29dB Linear Gain
35% Linear Efficiency
Onboard Power Down Mode
800MHz to 960MHz Operation
Applications
3V CDMA/AMPS Cellular
Handsets
3V J-CDMA/TACS Cellular
Handsets
3V TDMA/AMPS Cellular
Handsets
Spread-Spectrum Systems
CDPD Portable Data Cards
Portable Battery-Powered
Equipment
RF21623V 900MHz Linear Amplifier
RF2162
SR
7" Reel with 100 pieces
DS20160210
Package Style: QFN, 16-Pin, 4x4
RF21623V 900MHz Linear Amplifier
RF2162
TR7
7" Reel with 750 pieces
RF21623V 900MHz Linear Amplifier
RF2162
TR13
13" Reel with 2500 pieces
RF21623V 900MHz Linear Amplifier
RF2162
PCK-UC
Fully Assembled Evaluation Board
with 5-piece sample bag
RF21623V 900MHz Linear Amplifier
RF2162
PCK-UT
Fully Assembled Evaluation Board
with 5-piece sample bag


Similar Part No. - RF2162_16

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2162PCBA RFMD-RF2162PCBA Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2162PCBA RFMD-RF2162PCBA Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
More results

Similar Description - RF2162_16

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2318 RFMD-RF2318 Datasheet
110Kb / 6P
LINEAR BROADBAND AMPLIFIER
logo
ANADIGICS, Inc
ADA1200 ANADIGICS-ADA1200 Datasheet
232Kb / 8P
Linear Amplifier
Rev 0.2
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
LINEAR CATV AMPLIFIER
logo
Communications & Power ...
3CX1500D7 CPI-3CX1500D7 Datasheet
150Kb / 1P
RF linear amplifier
logo
RFHIC
GLM2123-L RFHIC-GLM2123-L Datasheet
195Kb / 3P
Linear Amplifier
GLM2523-L RFHIC-GLM2523-L Datasheet
198Kb / 3P
Linear Amplifier
GLM2723-L RFHIC-GLM2723-L Datasheet
195Kb / 3P
Linear Amplifier
GLM3623-L RFHIC-GLM3623-L Datasheet
195Kb / 3P
Linear Amplifier
logo
ANADIGICS, Inc
ADA1200 ANADIGICS-ADA1200_12 Datasheet
413Kb / 12P
Linear Amplifier
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com