Electronic Components Datasheet Search
  English  ▼

X  

RF2162 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2162
Description  LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2162 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2162_16 Datasheet HTML 2Page - RF Micro Devices RF2162_16 Datasheet HTML 3Page - RF Micro Devices RF2162_16 Datasheet HTML 4Page - RF Micro Devices RF2162_16 Datasheet HTML 5Page - RF Micro Devices RF2162_16 Datasheet HTML 6Page - RF Micro Devices RF2162_16 Datasheet HTML 7Page - RF Micro Devices RF2162_16 Datasheet HTML 8Page - RF Micro Devices RF2162_16 Datasheet HTML 9Page - RF Micro Devices RF2162_16 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 10
RF2162
DS20160210
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic - US CDMA
(Download Bill of Materials from www.rfmd.com.)
R2
C25
4.7
F
C30
C6
100 pF
C5
100 pF
C27
100 pF
R1
1 k
C13
100 pF
C1**
C14**
C3
100 pF
L1*
C4
100 pF
C28
10 nF
C2
4.7 uF
C17
1 pF
R3
0
CDMA (US)
Board
R2 (
)
C14 (pF)
C30 (pF)
C1 (pF)
L1 (nH)
330
5.1
100
9.1
27
TL1
TL2
C10
4.7
F
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors
(i.e., Johanson C-series).
16
1
13
14
15
2
3
4
9
8
7
6
5
12
11
10
L4
18 nH
R4
0
L2
15 nH
J1
RF IN
C18
100 pF
P1-1
TL3
L3
1.8 nH
TL4
L5
1 nH
J4
RF OUT
2162400B
P1
1
2
P1-1
VCC
GND
P2
1
2
P2-1
VREG
VMODE
P2-2
P2-1
P2-2
TL4
CDMA (US)
Transmission
Line Length
TL5
L=15-20 mils
W=14 mils
L=40-45 mils
from L3
W=16 mils
TL3
L=15 mils
W=16 mils
165 mils
TL2
TL1
175 mils
TL5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com