Electronic Components Datasheet Search
  English  ▼

X  

RF2162 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2162
Description  LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2162 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2162_16 Datasheet HTML 2Page - RF Micro Devices RF2162_16 Datasheet HTML 3Page - RF Micro Devices RF2162_16 Datasheet HTML 4Page - RF Micro Devices RF2162_16 Datasheet HTML 5Page - RF Micro Devices RF2162_16 Datasheet HTML 6Page - RF Micro Devices RF2162_16 Datasheet HTML 7Page - RF Micro Devices RF2162_16 Datasheet HTML 8Page - RF Micro Devices RF2162_16 Datasheet HTML 9Page - RF Micro Devices RF2162_16 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RF2162
DS20160210
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic - US TDMA
820
C30
100 pF
100 pF
100 pF
1 k
100 pF
12 pF**
4.7 pF**
16 nH*
100 pF
10 nF
1 pF
0
TL1
TL2
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors (i.e., Johanson C-series).
16
1
13
14
15
2
3
4
9
8
7
6
5
12
11
10
27 nH
P1-1
1.5 nH
TL5
TL7
VREG
VMODE
3.6 pF
1.5 nH
100 pF
TL3
RF OUT
RF IN
2nd Harmonic Trap
Interstage tuning for
centering frequency response
Bypassing for VCC
To Vary Gain
Bypassing for
VREG1 and VREG2
Bias Return
Matching network for
optimum load
impedance
15 nH
Matching network for
optimum input return loss
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com