Electronic Components Datasheet Search
  English  ▼

X  

RFFM4527 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4527
Description  Wi-Fi Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4527 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4527 Datasheet HTML 1Page - RF Micro Devices RFFM4527 Datasheet HTML 2Page - RF Micro Devices RFFM4527 Datasheet HTML 3Page - RF Micro Devices RFFM4527 Datasheet HTML 4Page - RF Micro Devices RFFM4527 Datasheet HTML 5Page - RF Micro Devices RFFM4527 Datasheet HTML 6Page - RF Micro Devices RFFM4527 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RFFM4527
Wi-Fi Low Noise Amplifier
4900MHz to 5925MHz
Revision DS20160203
2 of 7
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
DC Supply Voltage (No RF Applied)
-0.3 to +6
VDC
Control Voltage
-0.5 to 6
VDC
DC Supply Current
50
mA
Storage Temperature
-40 to +150
ºC
Maximum RX Input Power into 50Ω Load for 11a,n,ac (No Damage)
+10
dBm
Moisture Sensitivity
MSL2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com