Electronic Components Datasheet Search
  English  ▼

X  

RFFM4527 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM4527
Description  Wi-Fi Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4527 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM4527 Datasheet HTML 1Page - RF Micro Devices RFFM4527 Datasheet HTML 2Page - RF Micro Devices RFFM4527 Datasheet HTML 3Page - RF Micro Devices RFFM4527 Datasheet HTML 4Page - RF Micro Devices RFFM4527 Datasheet HTML 5Page - RF Micro Devices RFFM4527 Datasheet HTML 6Page - RF Micro Devices RFFM4527 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RFFM4527
Wi-Fi Low Noise Amplifier
4900MHz to 5925MHz
Revision DS20160203
3 of 7
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Nominal Operating Parameters
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
COMPLIANCE
802.11A, 802.11N, 802.11AC, 802.11P
Operating Frequency
4.9
5.925
GHz
Operating Temperature
-40
+85
ºC
Power Supply VDD
3
3.3
6
V
Control Voltage-High
2.5
3
VDD
V
CTRL
Control Voltage-Low
0
0.5
V
CTRL
LNA Mode
VDD=3.3V, T=+25ºC; Unless otherwise noted
Noise Figure
1.6
2.0
dB
Small Signal Gain
14
17
dB
f = 5100MHz
13
16
dB
f = 5900MHz
Gain Flatness
-0.2
+0.2
dB
Across any 80MHz Channel
Gain Variation
-1.6
+1.6
dB
T = -40 to 85ºC
Out of Band Gain
-28
dB
f = 2400-2500MHz
Input Return Loss
8
dB
Output Return loss
15
dB
Output P1dB
+8
dBm
Output IP3
+22
dBm
Two tone 5MHz spacing; PIN = -20dBm
RF_OUT to RF_IN (S12)
-28
dB
RX Operating Current( IDD)
15
20
mA
Bypass Mode
VDD=3.3V, T=+25ºC; Unless otherwise noted
Small Signal Gain
-6
dB
Gain Flatness Across any 80MHz
Channel
-0.2
0.2
dB
Out of Band Gain
-28
dB
f = 2400-2500MHz
Input Return Loss
12
dB
Output Return loss
12
dB
Input P1dB
+20
dBm
Input IP3
+28
dBm
Two tone 5MHz spacing; PIN = +2dBm
RX Operating Current
20
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com