Electronic Components Datasheet Search
  English  ▼

X  

RFFM4527 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM4527
Description  Wi-Fi Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4527 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM4527 Datasheet HTML 1Page - RF Micro Devices RFFM4527 Datasheet HTML 2Page - RF Micro Devices RFFM4527 Datasheet HTML 3Page - RF Micro Devices RFFM4527 Datasheet HTML 4Page - RF Micro Devices RFFM4527 Datasheet HTML 5Page - RF Micro Devices RFFM4527 Datasheet HTML 6Page - RF Micro Devices RFFM4527 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RFFM4527
Wi-Fi Low Noise Amplifier
4900MHz to 5925MHz
Revision DS20160203
4 of 7
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Nominal Operating Parameters (cont.)
Switch Control Logic Truth Table
Note: High = 2.5 to VDD. Low = 0V to 0.5V.
Evaluation Board Schematic
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
General Specifications
ICONTROL Current
150
200
μA
CTRL = High
5
μA
CTRL = Low
Gain Switch Time - 50 to 90% RF
Output
200
ns
Switching from Bypass to LNA mode
Gain Switch Time - 50 to 10% RF
Output
200
ns
Switching from LNA Mode to Bypass
OPERATING MODE
CTRL
LNA Mode
High
Bypass Mode
Low



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com