Electronic Components Datasheet Search
  English  ▼

X  

RFFM4527 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM4527
Description  Wi-Fi Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4527 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM4527 Datasheet HTML 1Page - RF Micro Devices RFFM4527 Datasheet HTML 2Page - RF Micro Devices RFFM4527 Datasheet HTML 3Page - RF Micro Devices RFFM4527 Datasheet HTML 4Page - RF Micro Devices RFFM4527 Datasheet HTML 5Page - RF Micro Devices RFFM4527 Datasheet HTML 6Page - RF Micro Devices RFFM4527 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RFFM4527
Wi-Fi Low Noise Amplifier
4900MHz to 5925MHz
Revision DS20160203
1 of 5
Disclaimer: Subject to change without notice
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Product Description
The RFFM4527 is a low noise amplifier (LNA) designed for Wi-Fi
802.11a
/n/ac systems. The integrated input and output 50Ω match
minimizes layo
ut area in the customer’s application, reduces the
bill of materials and manufacturability cost. Performance is focused
on a balance of low noise and gain that increases the receive
sensitivity. The RFFM4527 integrates a bypass path that enables
a defined gain step. The device is provided in a 1.6mm x 1.6mm x
0.5mm, 6-pin DFN package.
Package: DFN, 6-pin,
1.6mm x 1.6mm x 0.5mm max
Features
Noise Figure = 1.6dB
LNA Gain = 16dB
Bypass Loss = 6dB
Input and Output Matched to 50Ω
Integrated 2.4GHz Rejection Filter
Applications
Wireless Routers
Access Points
Residential Gateways
Consumer Premise Equipment
Small Cell
Internet of Things
Ordering Information
6
4
VCC RF_OUT GND
1
2
3
CTRL
RF_IN
GND
5
Functional Block Diagram
PART NUMBER
DESCRIPTION
RFFM4527SB
Sample bag with 5 pieces
RFFM4527SQ
Sample bag with 25 pieces
RFFM4527SR
7" Reel with 100 pieces
RFFM4527TR7
7" Reel with 2500 pieces
RFFM4527PCK-410
Assembled Evaluation Board + 5 pieces


Similar Part No. - RFFM4527

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4527 QORVO-RFFM4527 Datasheet
354Kb / 7P
Wi-Fi Low Noise Amplifier 4900MHz to 5925MHz
RFFM4527PCK-410 QORVO-RFFM4527PCK-410 Datasheet
354Kb / 7P
Wi-Fi Low Noise Amplifier 4900MHz to 5925MHz
RFFM4527SB QORVO-RFFM4527SB Datasheet
354Kb / 7P
Wi-Fi Low Noise Amplifier 4900MHz to 5925MHz
RFFM4527SQ QORVO-RFFM4527SQ Datasheet
354Kb / 7P
Wi-Fi Low Noise Amplifier 4900MHz to 5925MHz
RFFM4527SR QORVO-RFFM4527SR Datasheet
354Kb / 7P
Wi-Fi Low Noise Amplifier 4900MHz to 5925MHz
More results

Similar Description - RFFM4527

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
RF Micro Devices
RFFM4227 RFMD-RFFM4227 Datasheet
425Kb / 6P
Wi-Fi Low Noise Amplifier
logo
Qorvo, Inc
QPA5219 QORVO-QPA5219 Datasheet
142Kb / 2P
Wi-Fi Power Amplifier
RFFM4527 QORVO-RFFM4527 Datasheet
354Kb / 7P
Wi-Fi Low Noise Amplifier 4900MHz to 5925MHz
RFFM4227 QORVO-RFFM4227 Datasheet
425Kb / 6P
Wi-Fi Low Noise Amplifier
RFPA5552 QORVO-RFPA5552 Datasheet
908Kb / 7P
Wi-Fi Power Amplifier
RFPA5218 QORVO-RFPA5218 Datasheet
564Kb / 7P
Wi-Fi Power Amplifier
logo
Dialog Semiconductor
DA16200 DIALOG-DA16200 Datasheet
3Mb / 94P
Ultra Low Power Wi-Fi SoC
logo
Renesas Technology Corp
DA16200MOD RENESAS-DA16200MOD Datasheet
1Mb / 62P
Ultra Low Power Wi-Fi Module
04-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com