Electronic Components Datasheet Search
  English  ▼

X  

RFFM4552 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFFM4552
Description  802.11a/n/ac Wi-Fi Front End Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4552 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFFM4552 Datasheet HTML 4Page - RF Micro Devices RFFM4552 Datasheet HTML 5Page - RF Micro Devices RFFM4552 Datasheet HTML 6Page - RF Micro Devices RFFM4552 Datasheet HTML 7Page - RF Micro Devices RFFM4552 Datasheet HTML 8Page - RF Micro Devices RFFM4552 Datasheet HTML 9Page - RF Micro Devices RFFM4552 Datasheet HTML 10Page - RF Micro Devices RFFM4552 Datasheet HTML 11Page - RF Micro Devices RFFM4552 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RFFM4552
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFMD + TriQuint = Qorvo
10 of 12
Revision DS20160415
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
Subject to change without notice
PCB Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com