Electronic Components Datasheet Search
  English  ▼

X  

RFFM4552 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM4552
Description  802.11a/n/ac Wi-Fi Front End Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4552 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM4552 Datasheet HTML 1Page - RF Micro Devices RFFM4552 Datasheet HTML 2Page - RF Micro Devices RFFM4552 Datasheet HTML 3Page - RF Micro Devices RFFM4552 Datasheet HTML 4Page - RF Micro Devices RFFM4552 Datasheet HTML 5Page - RF Micro Devices RFFM4552 Datasheet HTML 6Page - RF Micro Devices RFFM4552 Datasheet HTML 7Page - RF Micro Devices RFFM4552 Datasheet HTML 8Page - RF Micro Devices RFFM4552 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RFFM4552
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFMD + TriQuint = Qorvo
1 of 12
Revision DS20160415
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
Subject to change without notice
PART NUMBER
DESCRIPTION
RFFM4552SB
Standard 5 piece sample bag
RFFM4552SQ
Standard 25 piece sample bag
RFFM4552SR
Standard 100 piece reel
RFFM4552TR7
Standard 2500 piece reel
RFFM4552PCK-410
Fully assemble EVB + 5pcs sample bag
Ordering Information
Product Description
The RFFM4552 provides a complete integrated solution in
a single front end module (FEM) for Wi-Fi 802.11a/n/ac
systems. The ultra-small factor and integrated matching
minimizes layout area in the customer’s application and
greatly reduces the number of external components.
Performance is focused on linear output power under a
number of conditions including duty cycle and packet length
while balancing power consumption needs of leading edge
device platforms. This simplifies the total front end solution
by reducing the bill of materials, system footprint, and
manufacturing cost.
The RFFM4552 integrates a 5GHz power amplifier (PA),
single pole two throw switch (SP2T) and an LNA with
bypass.
Also this FEM includes integrated 2nd and 3rd
Harmonic filters and integrated out of band rejection filters.
The device is provided in a 3.0mm x 3.0mm x 0.98mm, 16-
pin package. This module meets or exceeds the RF front
end needs of IEEE 802.11a/n/ac Wi-Fi RF systems.
Functional Block Diagram
Functional Block Diagram
Package: Laminate, 16-pin
3.0mm x 3.0mm x 0.98mm
Feature Overview
■
5.0V Operation
■
POUT = +20dBm, 802.11ac, 80MHz MCS9 at 1.8% Dynamic EVM
■
POUT = +21dBm, 802.11n, MCS7 HT20/40 at 3.0% Dynamic EVM
■
POUT = +24dBm, MCS0 HT20 at Spectral Mask Compliance
■
High efficiency
■
Input and Output Matched to 50Ω
■
Integrated 5GHz PA, SP2T, LNA with Bypass and power detector.
■
Integrated RX notch filter @ 2.5GHz for DBDC operation.
■
High Impedance PA Enable
Applications
■
Customer Premise Equipment
■
Set-Top Boxes
■
Netbooks/Notebooks
■
Mobile Routers/Access Points
■
Data Cards
■
TV/Monitors/Video


Similar Part No. - RFFM4552

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552PCK-410 QORVO-RFFM4552PCK-410 Datasheet
207Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552SB QORVO-RFFM4552SB Datasheet
207Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552SQ QORVO-RFFM4552SQ Datasheet
207Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552SR QORVO-RFFM4552SR Datasheet
207Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
More results

Similar Description - RFFM4552

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551 RFMD-RFFM4551 Datasheet
338Kb / 10P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4591 RFMD-RFFM4591 Datasheet
574Kb / 8P
802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
Wi-Fi Front End Module
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4503 QORVO-RFFM4503 Datasheet
354Kb / 9P
4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com