Electronic Components Datasheet Search
  English  ▼

X  

RFFM4552 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM4552
Description  802.11a/n/ac Wi-Fi Front End Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4552 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM4552 Datasheet HTML 1Page - RF Micro Devices RFFM4552 Datasheet HTML 2Page - RF Micro Devices RFFM4552 Datasheet HTML 3Page - RF Micro Devices RFFM4552 Datasheet HTML 4Page - RF Micro Devices RFFM4552 Datasheet HTML 5Page - RF Micro Devices RFFM4552 Datasheet HTML 6Page - RF Micro Devices RFFM4552 Datasheet HTML 7Page - RF Micro Devices RFFM4552 Datasheet HTML 8Page - RF Micro Devices RFFM4552 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RFFM4552
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFMD + TriQuint = Qorvo
4 of 12
Revision DS20160415
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
Subject to change without notice
Parameter
Condition
Min
Typ
Max
Unit
ESD
– Charge Device Model
1000
V
PA Turn-on Time from PA_EN edge
10% to 90% of final gain
200
500
nS
PA Stability
Unconditional into 4:1 VSWR; No spurs above -50dBm/MHz
Switch Control Logic Truth Table
Operating Mode
PA_EN
LNA_EN
C_RX
Standby
Low
Low
Low
802.11a/n/ac TX High Power
Mode
High
Low
Low
802.11a/n/ac RX Gain
Low
High
High
802.11a/n/ac RX Bypass
Low
Low
HIgh
Notes:
PA_EN and TX switch control lines are tied together internally.
High = 2.8 to VCC.
Low = 0V to 0.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com