Electronic Components Datasheet Search
  English  ▼

X  

RFFM4552 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4552
Description  802.11a/n/ac Wi-Fi Front End Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4552 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4552 Datasheet HTML 1Page - RF Micro Devices RFFM4552 Datasheet HTML 2Page - RF Micro Devices RFFM4552 Datasheet HTML 3Page - RF Micro Devices RFFM4552 Datasheet HTML 4Page - RF Micro Devices RFFM4552 Datasheet HTML 5Page - RF Micro Devices RFFM4552 Datasheet HTML 6Page - RF Micro Devices RFFM4552 Datasheet HTML 7Page - RF Micro Devices RFFM4552 Datasheet HTML 8Page - RF Micro Devices RFFM4552 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RFFM4552
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFMD + TriQuint = Qorvo
2 of 12
Revision DS20160415
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
Subject to change without notice
Absolute Maximum Ratings
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions
to the device may reduce device reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating conditions is not implied. This is an InGaP PA
designed for high duty cycle applications with Tj>100oC
Electrical Specifications
Parameter
Condition
Min
Typ
Max
Unit
Compliance
802.11a, 802.11n, 802.11ac
Operating Frequency
5.18
5.925
GHz
Extended Frequency
4.9
5.925
GHz
Operating Temperature
-40
+85
ºC
Power Supply VCC
4.75
5
5.25
V
Control Voltage-High
PA_EN, LNA_EN, C_RX
2.8
3.1
VCC
V
Control Voltage-Low
PA_EN, LNA_EN, C_RX
0
0.2
V
Transmit (TX-ANT) High Power Mode
VCC=5V, T=+25ºC, f = 5.15 -5.925 GHz
PA_EN= High, LNA_EN & C_RX=Low;
Unless otherwise noted
802.11ac 80MHz Output Power
MCS9
19
20
Dynamic EVM
1.5
1.8
%
-36
-35
dB
802.11ac 160MHz Output Power
MCS9
19
Dynamic EVM
1.5
1.8
%
-36
-35
dB
802.11a/n 20/40MHz Output Power
54Mbps/MCS7
20
21
Dynamic EVM
2.5
3
%
-32
-30
dB
Margin to 802.11ac 80MHz Spectral
Mask
POUT = +23dBm, MCS0
3
0
dBc
Margin to 802.11ac 20 MHz Spectral
Mask
POUT = +24dBm, MCS0
3
0
dBc
Large Signal Gain
30
32
dB
T = 85ºC
27
29
TX Port Return Loss
-12
-7
dB
ANT Port Return Loss
-12
-7
dB
Parameter
Rating
Unit
DC Supply Voltage (No RF Applied)
-0.5 to +6.0
VDC
PA Enable Voltage
-0.5 to 5
VDC
DC Supply Current
500
mA
Storage Temperature
-40 to +150
ºC
Maximum TX Input Power into 50Ω Load for 11a/n (No Damage)
+10
dBm
LNA On Maximum RX input power (No damage)
+5
dBm
Bypass Mode Maximum RX input power (No damage)
+25
dBm
Moisture Sensitivity
MSL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com