Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 31Page - Analog Devices AD7761BSTZ Datasheet HTML 32Page - Analog Devices AD7761BSTZ Datasheet HTML 33Page - Analog Devices AD7761BSTZ Datasheet HTML 34Page - Analog Devices AD7761BSTZ Datasheet HTML 35Page - Analog Devices AD7761BSTZ Datasheet HTML 36Page - Analog Devices AD7761BSTZ Datasheet HTML 37Page - Analog Devices AD7761BSTZ Datasheet HTML 38Page - Analog Devices AD7761BSTZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
Data Sheet
AD7761
Rev. 0 | Page 35 of 69
SPI Interface Details
Each SPI access frame is 16 bits long. The MSB (Bit 15) of the
SDI command is the R/W bit; 1 = read and 0 = write. Bits[14:8]
of the SDI command are the address bits.
The SPI control interface uses an off frame protocol. This means
that the master (FPGA/DSP) communicates with the AD7761 in
two frames. The first frame sends a 16-bit instruction (R/W,
address, and data) and the second frame is the response where
the AD7761 sends 16 bits back to the master.
During the master write command, the SDO output contains
eight leading zeros, followed by eight bits of data, as shown in
Figure 53.
Figure 54 shows the off frame protocol. Register access responses
are always offset by one CS frame. In Figure 54, the response
(read RESP 1) to the first command (CMD 1) is output by the
AD7761 during the following CS frame at the same time as the
second command (CMD 2) is being sent.
SCLK
SDI
SDO
CS
CMD 1
CMD 2
READ RESP 1
Figure 54. Off Frame Protocol
SPI Control Interface Error Handling
The AD7761 SPI control interface detects whether it has
received an illegal command. An illegal command is a write to a
read only register, a write to a register address that does not
exist, or a read from a register address that does not exist. If any of
these illegal commands are received by the AD7761, the device
responds with an error output of 0x0E00.
SPI Reset Configuration
After a power-on or reset, the AD7761 default configuration is set
to the following low current consumption settings:
Focus power mode with MCLK/32.
Interface configuration of DCLK = MCLK/8, header
output enabled, and CRC disabled.
Filter configuration of Channel Mode A and Channel Mode B
is set to sinc5 and decimation = ×1024. Channel mode
select is set to 0x00, and all channels are assigned to
Channel Mode A.
Channel configuration of Channel 0 to Channel 7 is enabled,
with the analog input buffers enabled. The reference precharge
buffers are disabled. The offset, gain, and phase calibration
are set to the zero position.
Continuous conversion mode is enabled.
SPI CONTROL FUNCTIONALITY
SPI control offers the superset of flexibility and diagnostics to
the user. The following sections highlight the functionality and
diagnostics offered when SPI control is used.
After any change to these configuration register settings, the
user must provide a sync signal to the AD7761 through either
the SPI_SYNC command, or by applying the appropriate pulse
to the START pin or SYNC_IN pin to ensure that the configuration
changes are applied correctly to the ADC and digital filters.
Channel Configuration
The AD7761 has eight fully differential analog input channels.
The channel configuration registers allow the channels to be
individually configured to adapt to the measurement required
on that channel. Channels can be enabled or disabled using the
channel standby register, Register 0x00. Analog input and
reference precharge buffers can be assigned per input terminal.
Gain, offset, and phase calibration can be controlled on a per
channel basis using the calibration registers. See the Per
Channel Calibration Gain, Offset, and Sync Phase section for
more information.
Channel Modes
In SPI control mode, the user can set up two channel modes,
Channel Mode A (Register 0x01), and Channel Mode B
(Register 0x02). Each channel mode register can have a specific
filter type and decimation ratio. Using the channel mode select
register (Register 0x03), the user can assign each channel to either
Channel Mode A or Channel Mode B, which maps that mode to
the required ADC channels. These modes allow different filter
types and decimation rates to be selected and mapped to any of the
ADC channels.
When different decimation rates are selected on different channels,
the AD7761 outputs a data ready signal at the fastest selected
decimation rate. Any channel that runs at a lower output data rate
is updated only at that slower rate. In between valid result data, the
data for that channel is set to zero and the repeated data bit is set in
the header status bits to distinguish it from a real conversion result
(see the ADC Conversion Output: Header and Data section for
more information).
On the AD7761, consider Channel Mode A as the primary group.
In this respect, it is recommended that there always be at least one
channel assigned to Channel Mode A. If all eight channels of the
AD7761 are assigned to Channel Mode B, conversion data is not
output on the data interface for any of the channels.
Table 21. Channel Mode A/Channel Mode B, Register 0x01
and Register 0x02
Bits
Bit Name
Setting
Description
Reset
Access
3
FILTER_TYPE_x
Filter output
0x1
RW
0
Wideband filter
1
Sinc5 filter
[2:0]
DEC_RATE_x
Decimation rate
0x5
RW
000 to
101
×32 to ×1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com