Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 45Page - Analog Devices AD7761BSTZ Datasheet HTML 46Page - Analog Devices AD7761BSTZ Datasheet HTML 47Page - Analog Devices AD7761BSTZ Datasheet HTML 48Page - Analog Devices AD7761BSTZ Datasheet HTML 49Page - Analog Devices AD7761BSTZ Datasheet HTML 50Page - Analog Devices AD7761BSTZ Datasheet HTML 51Page - Analog Devices AD7761BSTZ Datasheet HTML 52Page - Analog Devices AD7761BSTZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
Data Sheet
AD7761
Rev. 0 | Page 49 of 69
To receive data, the master must pulse the SYNC_IN pin to
reset the filter and force DRDY low. DRDY subsequently goes
high to indicate to the master device that the device has valid
settled data available. Unlike standard mode, DRDY remains
high for the number of clock periods of valid data before it goes
low again; thus, in this conversion mode, it is an active high
frame of the data.
When the master pulses SYNC_IN and the AD7761 receives the
rising edge of this signal, the digital filter is reset and the full
settling time of the filter elapses before the data is available. The
duration of the settling time depends on the filter path and
decimation rate. Running one-shot mode with the sinc5 filter
allows the fastest throughput, because this filter has a lower
settling time than the wideband filter.
As soon as settled data is available on any channel, the device
outputs data from all channels. The contents of Bit 6 of the channel
header status bits indicates whether the data is fully settled.
The period before the data is settled on all channels (tSETTLE) is
shown in Figure 74. After the data has settled on all channels,
DRDY is asserted high and the device outputs the required settled
data on all channels before DRDY is asserted low. If the user config-
ures the same filter and decimation rate on each ADC, the data is
settled for all channels on the first DRDY output frame, which
avoids a period of unsettled data prior to the settled data and
ensures that all data is output at the same time on all ADCs. The
device then waits for another SYNC_IN signal before outputting
more data.
Because all the ADCs are sampling continuously, one-shot
mode affects the sampling theory of the AD7761. Particularly, a
user periodically sending a SYNC_IN pulse to the device is a
form of subsampling of the ADC output. The subsampling occurs
at the rate of the SYNC_IN pulses. The SYNC_IN pulse must be
synchronous with the master clock to ensure coherent sampling
and to reduce the effects of jitter on the frequency response.
Daisy-Chaining
Daisy-chaining devices allows numerous devices to use the
same data interface lines by cascading the outputs of multiple
ADCs from separate AD7761 devices. Only one ADC device
has its data interface in direct connection with the digital host.
For the AD7761, this connection can be implemented by
cascading DOUT0 and DOUT1 through a number of devices, or
using only DOUT0; whether two data output pins or only one
data output pin is enabled depends on the FORMATx pins. The
ability to daisy-chain devices and the limit on the number of
devices that can be handled by the chain is dependent on the
power mode, DCLK, and the decimation rate employed.
The maximum usable DCLK frequency allowed when daisy-
chaining devices is limited by the combination of timing
specifications in Table 2 or Table 4, as well as by the propagation
delay of the data between devices and any skew between the MCLK
signals at each AD7761 device. The propagation delay and MCLK
skew are dependent on the PCB layout and trace lengths.
This feature is especially useful for reducing component count
and wiring connections, for example, in isolated multiconverter
applications or for systems with a limited interfacing capacity.
When daisy-chaining on the AD7761, DOUT6 and DOUT7
become serial data inputs, and DOUT0 and DOUT1 remain as
serial data outputs under the control of the FORMATx pins.
START
SYNC_IN
DOUT1
DOUT0
DRDY
DOUT6
MCLK
DOUT7
SYNC_OUT
DSP/
FPGA
START
SYNC_IN
DOUT1
DOUT0
DRDY
DOUT6
MCLK
DOUT7
SYNC_OUT
DNC
DNC
IOVDD
IOVDD
START
SYNC_IN
DOUT1
DOUT0
DRDY
DOUT6
MCLK
DOUT7
SYNC_OUT
DNC
DNC
AD7761
AD7761
AD7761
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
MASTER
CLOCK
Figure 75. Daisy-Chaining Multiple AD7761 Devices
Figure 75 shows an example of daisy-chaining AD7761 devices,
when FORMATx = 01. In this case, the DOUT1 and DOUT0
pins of the AD7761 devices are cascaded to the DOUT6 and
DOUT7 pins of the next device in the chain. Data readback is
analogous to clocking a shift register where data is clocked out on
the rising edge of DCLK. Input data on the DOUT6 and DOUT7
pins is sampled on the falling edge of DCLK.
The scheme operates by passing the output data of the DOUT0
and DOUT1 pins of an AD7761 upstream device to the DOUT6
and DOUT7 inputs of the next AD7761 device downstream in the
chain. The data then continues through the chain until it is
clocked onto the DOUT0 and DOUT1 pins of the final down-
stream device in the chain.
Daisy-chaining can be achieved in a similar manner on the
AD7761 when using only the DOUT0 pin. In this case, only
Pin 21 of the AD7761 is used as the serial data input pin.
In a daisy-chained system of AD7761 devices, two successive
synchronization pulses must be applied to guarantee that all ADCs
are synchronized. Two synchronization pulses are also required in a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com