Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 12Page - Analog Devices AD7761BSTZ Datasheet HTML 13Page - Analog Devices AD7761BSTZ Datasheet HTML 14Page - Analog Devices AD7761BSTZ Datasheet HTML 15Page - Analog Devices AD7761BSTZ Datasheet HTML 16Page - Analog Devices AD7761BSTZ Datasheet HTML 17Page - Analog Devices AD7761BSTZ Datasheet HTML 18Page - Analog Devices AD7761BSTZ Datasheet HTML 19Page - Analog Devices AD7761BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
AD7761
Data Sheet
Rev. 0 | Page 16 of 69
Pin No.
Mnemonic
Type1
Description
12, 13,
14, 15
MODE0/GPIO0,
MODE1/GPIO1,
MODE2/GPIO2,
MODE3/GPIO3
DI/DI/O
Mode Selection/General-Purpose Input/Output Pin 0 to Pin 3.
In pin control mode, the MODEx pins set the mode of operation for all ADC channels, controlling
power consumption, DCLK frequency, and the ADC conversion type, allowing one-shot
conversion operation.
In SPI control mode, the GPIOx pins, in addition to the FILTER/GPIO4 pin, form five general-
purpose input/output pins (GPIO4 to GPIO0).
16
ST0/CS
DI
Standby 0/Chip Select Input.
In pin control mode, a Logic 1 places Channel 0 to Channel 3 into standby mode.
In SPI control mode, this pin is the active low chip select input to the SPI control interface.
17
ST1/SCLK
DI
Standby 1/Serial Clock Input.
In pin control mode, a Logic 1 places Channel 4 to Channel 7 into standby mode.
In SPI control mode, this pin is the serial clock input pin for the SPI control interface.
18
DEC1/SDI
DI
Decimation Rate Control Input 1/Serial Data Input.
In pin control mode, the DEC0 and DEC1 pins configure the decimation rate for all ADC channels.
In SPI control mode, this pin is the serial data input pin used to write data to the AD7761 register
bank.
19
DEC0/SDO
DI/O
Decimation Rate Control Input 0/Serial Data Output.
In pin control mode, the DEC0 and DEC1 pins configure the decimation rate for all ADC channels.
In SPI control mode, this pin is the serial data output pin, allowing readback from the AD7761
registers.
20
DOUT7
DI/O
Conversion Data Output 7. This pin is synchronous to DCLK and framed by DRDYE. This pin acts
as a digital input from a separate AD7761 device if configured in a synchronized multidevice
daisy chain when the FORMATx pins are configured as 01. To use the AD7761 in a daisy chain, hardwire
the FORMATx pins as either 01, 10, or 11, depending on the best interfacing format for the application.
When FORMATx is set to 10 or 11, connect this pin to ground through a pull-down resistor.
21
DOUT6
DI/O
Conversion Data Output 6. This pin is synchronous to DCLK and framed by DRDYE. This pin acts
as a digital input from a separate AD7761 device if configured in a synchronized multidevice
daisy chain. To use this pin in a daisy chain, hardwire the FORMATx pins as either 01, 10, or 11,
depending on the best interfacing format for the application.
22
DOUT5
DO
Conversion Data Output 5. This pin is synchronous to DCLK and framed by DRDY.
23
DOUT4
DO
Conversion Data Output 4. This pin is synchronous to DCLK and framed by DRDY.
24
DOUT3
DO
Conversion Data Output 3. This pin is synchronous to DCLK and framed by DRDY.
25
DOUT2
DO
Conversion Data Output 2. This pin is synchronous to DCLK and framed by DRDY.
26
DOUT1
DO
Conversion Data Output 1. This pin is synchronous to DCLK and framed by DRDY.
27
DOUT0
DO
Conversion Data Output 0. This pin is synchronous to DCLK and framed by DRDY
28
DCLK
DO
ADC Conversion Data Clock. This pin clocks conversion data out to the digital host (DSP/FPGA).
This pin is synchronous with DRDYE and any conversion data output on DOUT0 to DOUT7 and is
derived from the MCLK signal. This pin is unrelated to the control SPI interface.
29
DRDY
DO
Data Ready. Periodic signal output framing the conversion results from the eight ADCs. This pin
is synchronous to DCLK and DOUT0 to DOUT7.
30
RESETE
DI
Hardware Asynchronous Reset Input. After the device is fully powered up, it is recommended to
perform a hard or soft reset.
31
XTAL1
DI
Input 1 for Crystal or Connection to an LVDS Clock. When CLK_SEL is 0, connect XTAL1 to DGND.
32
XTAL2/MCLK
DI
Input 2 for CMOS or Crystal/LVDS Sampling Clock. See the CLK_SEL pin for the details of this
configuration.
External crystal: XTAL2 is connected to the external crystal.
LVDS: a second LVDS input is connected to this pin.
CMOS clock: this pin operates as an MCLK input. CMOS input with logic level of IOVDD/DGND.
33
DGND
P
Digital Ground. This pin is nominally 0 V.
34
DREGCAP
AO
Digital Low Dropout (LDO) Regulator Output. Decouple this pin to DGND with a high quality,
low ESR, 10 μF capacitor. For optimum performance, use a decoupling capacitor with an ESR
specification between 50 mΩ and 400 mΩ. This pin is not for use in circuits external to the
AD7761. For 1.8 V IOVDD operation, connect this pin to IOVDD via an external trace to provide
power to the digital processing core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com