Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 20Page - Analog Devices AD7761BSTZ Datasheet HTML 21Page - Analog Devices AD7761BSTZ Datasheet HTML 22Page - Analog Devices AD7761BSTZ Datasheet HTML 23Page - Analog Devices AD7761BSTZ Datasheet HTML 24Page - Analog Devices AD7761BSTZ Datasheet HTML 25Page - Analog Devices AD7761BSTZ Datasheet HTML 26Page - Analog Devices AD7761BSTZ Datasheet HTML 27Page - Analog Devices AD7761BSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
AD7761
Data Sheet
Rev. 0 | Page 24 of 69
0
5
10
15
20
25
30
35
40
–40
–25
–10
5
20
35
50
65
80
95
110
TEMPERATURE (°C)
FOCUS
FAST
MEDIAN
Figure 41. Supply Current vs. Temperature, AVDD2
–40
–25
–10
5
20
35
50
65
80
95
110
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
FOCUS, SINC5
FOCUS, WIDEBAND
FAST, SINC5
FAST, WIDEBAND
MEDIAN, SINC5
MEDIAN, WIDEBAND
Figure 42. Supply Current vs. Temperature, IOVDD
0
50
100
150
200
250
300
350
400
450
500
–40
25
105
FAST, SINC5 FILTER
MEDIAN, SINC5 FILTER
FOCUS, SINC5 FILTER
FAST, WIDEBAND FILTER
MEDIAN, WIDEBAND FILTER
FOCUS, WIDEBAND FILTER
TEMPERATURE (°C)
Figure 43. Total Power vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com