Electronic Components Datasheet Search
  English  ▼

X  

AD9613 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9613
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9613 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9613 Datasheet HTML 6Page - Analog Devices AD9613 Datasheet HTML 7Page - Analog Devices AD9613 Datasheet HTML 8Page - Analog Devices AD9613 Datasheet HTML 9Page - Analog Devices AD9613 Datasheet HTML 10Page - Analog Devices AD9613 Datasheet HTML 11Page - Analog Devices AD9613 Datasheet HTML 12Page - Analog Devices AD9613 Datasheet HTML 13Page - Analog Devices AD9613 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9613
Data Sheet
Rev. C | Page 10 of 36
Timing Diagrams
VIN
CLK+
CLK–
DCO–
DCO+
D0±
(LSB)
PARALLEL INTERLEAVED
CHANNEL MULTIPLEXED
(EVEN/ODD) MODE
CHANNEL MULTIPLEXED
(EVEN/ODD) MODE
D11±
(MSB)
D0±/D1±
(LSB)
CH A
N – 10
CH B
N – 10
CH A
N – 9
CH B
N – 9
CH A
N – 8
CH B
N – 8
CH A
N – 7
CH B
N – 7
CH A
N – 6
CH A
N – 10
CH B
N – 10
CH A
N – 9
CH B
N – 9
CH A
N – 8
CH B
N – 8
CH A
N – 7
CH B
N – 7
CH A
N – 6
CH A0
N – 10
CH A1
N – 10
CH A0
N – 9
CH A1
N – 9
CH A0
N – 8
CH A1
N – 8
CH A0
N – 7
CH A1
N – 7
CH A0
N – 6
CH A10
N – 10
CH A11
N – 10
CH A10
N – 9
CH A11
N – 9
CH A10
N – 8
CH A11
N – 8
CH A10
N – 7
CH A11
N – 7
CH A10
N – 6
CH B0
N – 10
CH B1
N – 10
CH B0
N – 9
CH B1
N – 9
CH B0
N – 8
CH B1
N – 8
CH B0
N – 7
CH B1
N – 7
CH B0
N – 6
CH B10
N – 10
CH B11
N – 10
CH B10
N – 9
CH B11
N – 9
CH B10
N – 8
CH B11
N – 8
CH B10
N – 7
CH B11
N – 7
CH B10
N – 6
CHANNEL A
D10±/D11±
(MSB)
D0±/D1±
(LSB)
CHANNEL B
D10±/D11±
(MSB)
N – 1
N
N + 1
N + 2
N + 3
N + 4
N + 5
tA
tCH
tPD
tSKEW
tDCO
tCLK
.
.
.
.
.
.
.
.
.
CHANNEL A AND
CHANNEL B
Figure 2. Interleaved LVDS Mode Data Output Timing
tSSYNC
tHSYNC
SYNC
CLK+
Figure 3. SYNC Timing Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com