Electronic Components Datasheet Search
  English  ▼

X  

AD9613 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9613
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9613 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9613 Datasheet HTML 23Page - Analog Devices AD9613 Datasheet HTML 24Page - Analog Devices AD9613 Datasheet HTML 25Page - Analog Devices AD9613 Datasheet HTML 26Page - Analog Devices AD9613 Datasheet HTML 27Page - Analog Devices AD9613 Datasheet HTML 28Page - Analog Devices AD9613 Datasheet HTML 29Page - Analog Devices AD9613 Datasheet HTML 30Page - Analog Devices AD9613 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
AD9613
Rev. C | Page 27 of 36
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 57, the power dissipated by the AD9613 is
proportional to its sample rate. The data in Figure 57 was taken
using the same operating conditions as those used for the Typical
Performance Characteristics section.
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.5
0.4
0.3
0.2
0.1
0
0
40
60
80
100
120
140
160
180
200
220
240
ENCODE FREQUENCY (MSPS)
TOTAL POWER
IAVDD
IDRVDD
Figure 57. AD9613-250 Power and Current vs. Sample Rate
By asserting PDWN (either through the SPI port or by asserting
the PDWN pin high), the AD9613 is placed in power-down mode.
In this state, the ADC typically dissipates 10 mW. During power-
down, the output drivers are placed in a high impedance state.
Asserting the PDWN pin low returns the AD9613 to its normal
operating mode. Note that PDWN is referenced to the digital
output driver supply (DRVDD) and should not exceed that
supply voltage.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering
power-down mode and then must be recharged when returning
to normal operation. As a result, wake-up time is related to the
time spent in power-down mode, and shorter power-down
cycles result in proportionally shorter wake-up times.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. See the Memory Map Register
Description section and the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI, for additional details.
DIGITAL OUTPUTS
The AD9613 output drivers can be configured for either ANSI
LVDS or reduced drive LVDS using a 1.8 V DRVDD supply.
As detailed in Application Note AN-877, Interfacing to High
Speed ADCs via SPI, the data format can be selected for offset
binary, twos complement, or gray code when using the SPI
control.
Digital Output Enable Function (OEB)
The AD9613 has a flexible three-state ability for the digital output
pins. The three-state mode is enabled using the OEB pin or
through the SPI interface. If the OEB pin is low, the output data
drivers are enabled. If the OEB pin is high, the output data drivers
are placed in a high impedance state. This OEB function is not
intended for rapid access to the data bus. Note that OEB is
referenced to the digital output driver supply (DRVDD) and
should not exceed that supply voltage.
When using the SPI interface, the data outputs of each channel
can be independently three-stated by using the output enable bar
bit (Bit 4) in Register 0x14. Because the output data is interleaved,
if only one of the two channels is disabled, the output data of
the remaining channel is repeated in both the rising and falling
output clock cycles.
Timing
The AD9613 provides latched data with a pipeline delay of 10 input
sample clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of the clock signal.
Minimize the length of the output data lines and loads placed
on them to reduce transients within the AD9613. These
transients can degrade converter dynamic performance.
The lowest typical conversion rate of the AD9613 is 40 MSPS. At
clock rates below 40 MSPS, dynamic performance can degrade.
Data Clock Output (DCO)
The AD9613 also provides data clock output (DCO) intended for
capturing the data in an external register. Figure 2 shows a timing
diagram of the AD9613 output modes.
ADC OVERRANGE (OR)
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange condition is
determined at the output of the ADC pipeline and, therefore, is
subject to a latency of 10 ADC clock. An overrange at the input is
indicated by this bit 10 clock cycles after it.
Table 11. Output Data Format
Input (V)
VIN+ − VIN−,
Input Span = 1.75 V p-p (V)
Offset Binary Output Mode
Twos Complement Mode (Default)
OR
VIN+ − VIN–
Less than –0.875
0000 0000 0000
1000 0000 0000
1
VIN+ − VIN–
–0.875
0000 0000 0000
1000 0000 0000
0
VIN+ − VIN–
0
1000 0000 0000
0000 0000 0000
0
VIN+ − VIN–
+0.875
1111 1111 1111
0111 1111 1111
0
VIN+ − VIN–
Greater than +0.875
1111 1111 1111
0111 1111 1111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com