Electronic Components Datasheet Search
  English  ▼

X  

AD9652 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9652
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 1 Page - Analog Devices

  AD9652 Datasheet HTML 1Page - Analog Devices AD9652 Datasheet HTML 2Page - Analog Devices AD9652 Datasheet HTML 3Page - Analog Devices AD9652 Datasheet HTML 4Page - Analog Devices AD9652 Datasheet HTML 5Page - Analog Devices AD9652 Datasheet HTML 6Page - Analog Devices AD9652 Datasheet HTML 7Page - Analog Devices AD9652 Datasheet HTML 8Page - Analog Devices AD9652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
16-Bit, 310 MSPS, 3.3 V/1.8 V Dual
Analog-to-Digital Converter (ADC)
Data Sheet
AD9652
FEATURES
High dynamic range
SNR = 75.0 dBFS at 70 MHz (AIN = −1 dBFS)
SFDR = 87 dBc at 70 MHz (AIN = −1 dBFS)
Noise spectral density (NSD) = −156.7 dBFS/Hz input noise
at −1 dBFS at 70 MHz
NSD = −157.6 dBFS/Hz for small signal at −7dBFS at 70 MHz
90 dB channel isolation/crosstalk
On-chip dithering (improves small signal linearity)
Excellent IF sampling performance
SNR = 73.7 dBFS at 170 MHz (AIN = −1 dBFS)
SFDR = 85 dBc at 170 MHz (AIN = −1 dBFS)
Full power bandwidth of 465 MHz
On-chip 3.3 V buffer
Programmable input span of 2 V p-p to 2.5 V p-p (default)
Differential clock input receiver with 1, 2, 4, and 8 integer
inputs (clock divider input accepts up to 1.24 GHz)
Internal ADC clock duty cycle stabilizer
SYNC input allows multichip synchronization
Total power consumption: 2.16 W
3.3 V and 1.8 V supply voltages
DDR LVDS (ANSI-644 levels) outputs
Serial port control
Energy saving power-down modes
APPLICATIONS
Military radar and communications
Multimode digital receivers (3G or 4G)
Test and instrumentation
Smart antenna systems
FUNCTIONAL BLOCK DIAGRAM
DDR DATA
INTERLEAVER
LVDS OUTPUT
DRIVER
ADC
DRVDD
CSB
AVDD3
AVDD
SPI
SDIO
SCLK
PROGRAMMING DATA
DUTY CYCLE
STABILIZER
DIVIDE 1
TO 8
DCO
GENERATION
REF
SELECT
MULTICHIP
SYNC
SYNC
AGND
PDWN
DCO–
DCO+
D15± (MSB)
TO
D0± (LSB)*
OR+, OR–
CLK–
CLK+
VIN+A
VCM
RBIAS
VIN–B
VIN+B
VIN–A
VREF
SENSE
AD9652
ADC
16
*THESE PINS ARE FOR CHANNEL A AND CHANNEL B.
Figure 1.
GENERAL DESCRIPTION
The AD9652 is a dual, 16-bit analog-to-digital converter (ADC)
with sampling speeds of up to 310 MSPS. It is designed to
support demanding, high speed signal processing applications
that require exceptional dynamic range over a wide input
frequency range (up to 465 MHz). Its exceptional low noise
floor of −157.6 dBFS and large signal spurious-free dynamic
range (SFDR) performance (exceeding 85 dBFS, typical) allows
low level signals to be resolved in the presence of large signals.
The dual ADC cores feature a multistage, pipelined architecture
with integrated output error correction logic. A high performance
on-chip buffer and internal voltage reference simplify the inter-
face to external driving circuitry while preserving the exceptional
performance of the ADC.
The AD9652 can support input clock frequencies of up to
1.24 GHz with a 1, 2, 4, and 8 integer clock divider used to
generate the ADC sample clock. A duty cycle stabilizer is
provided to compensate for variations in the ADC clock duty
cycle. The 16-bit output data (with an overrange bit) from each
ADC is interleaved onto a single LVDS output port along with a
double data rate (DDR) clock. Programming for setup and control
are accomplished using a 3-wire SPI-compatible serial interface.
The AD9652 is available in a 144-ball CSP_BGA and is
specified over the industrial temperature range of −40°C to
+85°C. This product is protected by pending U.S. patents.
PRODUCT HIGHLIGHTS
1. Integrated dual, 16-bit, 310 MSPS ADCs.
2. On-chip buffer simplifies ADC driver interface.
3. Operation from 3.3 V and 1.8 V supplies and a separate
digital output driver supply accommodating LVDS outputs.
4. Proprietary differential input maintains excellent signal-to-
noise ratio (SNR) performance for input frequencies of up
to 485 MHz.
5. SYNC input allows synchronization of multiple devices.
6. Three-wire, 3.3 V or 1.8 V SPI port for register programming
and readback.
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD9652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9652 AD-AD9652 Datasheet
1Mb / 37P
Analog-to-Digital Converter (ADC)
Rev. B
AD9652-310EBZ AD-AD9652-310EBZ Datasheet
1Mb / 37P
Analog-to-Digital Converter (ADC)
Rev. B
AD9652BBCZ-310 AD-AD9652BBCZ-310 Datasheet
1Mb / 37P
Analog-to-Digital Converter (ADC)
Rev. B
AD9652BBCZRL7-310 AD-AD9652BBCZRL7-310 Datasheet
1Mb / 37P
Analog-to-Digital Converter (ADC)
Rev. B
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
Analog-to-Digital Converter (ADC)
Rev. B
More results

Similar Description - AD9652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9650 AD-AD9650 Datasheet
1Mb / 44P
16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9284 AD-AD9284 Datasheet
626Kb / 24P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286 Datasheet
646Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9608 AD-AD9608 Datasheet
1Mb / 40P
10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Rev. C
AD9650-EP AD-AD9650-EP Datasheet
252Kb / 12P
Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com