Electronic Components Datasheet Search
  English  ▼

X  

AD9652 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9652
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 3 Page - Analog Devices

  AD9652 Datasheet HTML 1Page - Analog Devices AD9652 Datasheet HTML 2Page - Analog Devices AD9652 Datasheet HTML 3Page - Analog Devices AD9652 Datasheet HTML 4Page - Analog Devices AD9652 Datasheet HTML 5Page - Analog Devices AD9652 Datasheet HTML 6Page - Analog Devices AD9652 Datasheet HTML 7Page - Analog Devices AD9652 Datasheet HTML 8Page - Analog Devices AD9652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
AD9652
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD3 = 3.3 V, AVDD = AVDD_CLK = 1.8 V, SPIVDD = DRVDD = 1.8 V, sample rate = 310 MSPS (clock input = 1240 MHz, AD9652
divided by 4), VIN = −1.0 dBFS differential input, 2.5 V p-p full-scale input range, duty cycle stabilizer (DCS) enabled, dither disabled,
unless otherwise noted.
Table 1.
Parameter
Temperature
Min
Typ
Max
Unit
RESOLUTION
Full
16
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
1.5
mV
Gain Error
Full
−0.3
% FSR
Differential Nonlinearity (DNL) 1
Full
−0.76/+1.1
LSB
Integral Nonlinearity (INL)1
Full
−4.5/+4.5
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
±0.7
mV
Gain Error
Full
±0.1
%FSR
TEMPERATURE DRIFT
Offset Error
Full
±0.8
ppm/°C
Gain Error
Full
±16
ppm/°C
INPUT REFERRED NOISE
VREF = 1.25 V
25°C
3.7
LSB rms
ANALOG INPUT
Input Span (for VREF = 1.25 V)
Full
2.5
V p-p
Input Capacitance2
Full
5.8
pF
Input Resistance3
Full
27
kΩ
Input Common-Mode Voltage
Full
2.0
2.4
V
POWER SUPPLIES
Supply Voltage
AVDD3
Full
3.15
3.3
3.45
V
AVDD
Full
1.7
1.8
1.9
V
AVDD_CLK
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
SPIVDD
Full
1.7
1.8
3.6
V
Supply Current, Clock Divider = 1
IAVDD3
Full
145
mA
IAVDD
Full
701
mA
IAVDD_CLK
Full
56
mA
IDRVDD
Full
180
mA
ISPIVDD
Full
0.005
mA
POWER CONSUMPTION
Clock Divider = 1
Normal Operation1
Full
2160
2236
mW
Standby Power4
Full
80
mW
Power-Down Power
Full
1
mW
1
Measured with a low input frequency, full-scale sine wave.
2
Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3
Input resistance refers to the effective resistance between one differential input pin and AGND.
4
Standby power is measured with a dc input and the CLK± pins inactive (that is, set to AVDD or AGND).
Rev. A | Page 3 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com