Electronic Components Datasheet Search
  English  ▼

X  

AD9652 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9652
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9652 Datasheet HTML 21Page - Analog Devices AD9652 Datasheet HTML 22Page - Analog Devices AD9652 Datasheet HTML 23Page - Analog Devices AD9652 Datasheet HTML 24Page - Analog Devices AD9652 Datasheet HTML 25Page - Analog Devices AD9652 Datasheet HTML 26Page - Analog Devices AD9652 Datasheet HTML 27Page - Analog Devices AD9652 Datasheet HTML 28Page - Analog Devices AD9652 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
AD9652
signal. In some cases, it may be appropriate to disable the duty
cycle stabilizer, for example, if a high quality RF clock is
available to be used to drive the AD9652 clock input and does
not need adjustment in duty cycle correction. In most other
applications, enabling the DCS circuit is recommended to
maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. The degradation in SNR at a given input
frequency (fIN) due to jitter (tJ) can be calculated by
SNRHF = −10 log[(2π × fIN × tJRMS)2 + 10
)
10
/
(
LF
SNR
−
]
In the equation, the rms aperture jitter represents the root-
mean-square of all jitter sources, which includes the clock
input, the analog input signal, and the ADC aperture jitter
specification. IF undersampling applications are particularly
sensitive to jitter, as shown in Figure 64.
80
60
62
64
66
68
70
72
74
76
78
5
50
500
fIN (MHz)
MEASURED
0.8ps
0.2ps
0.1ps
0.05ps
0.05ps
Figure 64. SNRFS vs. Input Frequency and Jitter
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD9652.
Drive external clock sources and buffers from a clean ADC
output driver supply to avoid modulating the ADC clock with
noise. Low jitter, crystal controlled oscillators make the best
clock sources. If the clock is generated from another type of
source (by gating, dividing, or another method), retime it by the
original clock at the last step.
Refer to the AN-501 Application Note, Aperture Uncertainty
and ADC System Performance, and the AN-756 Application
Note, Sampled Systems and the Effects of Clock Phase Noise and
Jitter, for more information about jitter performance as it relates
to ADCs.
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 65, the power dissipated by the AD9652 is
proportional to its sample rate. The data in Figure 65 was taken
using the same operating conditions as those used for the
Typical Performance Characteristics section.
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
2.5
2.0
1.5
1.0
0.5
0
0
80
280
230
180
130
SAMPLE RATE (MSPS)
AVDD3
AVDD_CLK
DRVDD/SPIVDD
AVDD
POWER
Figure 65. Power and Current vs. Sample Rate
By asserting power-down (either through setting Register 0x08
or by asserting the PDWN pin high), the AD9652 is placed in
power-down mode. In this state, the ADC typically dissipates
less than 1 mW. During power-down, the output drivers are
placed in a high impedance state. Deasserting the PDWN pin
(forcing it low) returns the AD9652 to its normal operating
mode. Note that the level on PDWN is referenced to the digital
output driver supply (DRVDD) and cannot exceed that supply
voltage.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering
power-down mode and then must be recharged when returning
to normal operation. As a result, wake-up time is related to the
time spent in power-down mode, and shorter power-down
cycles result in proportionally shorter wake-up times.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. See the AN-877 Application
Note, Interfacing to High Speed ADCs via SPI, for additional
details.
INTERNAL BACKGROUND CALIBRATION
The AD9652 uses a background calibration to continually correct
errors between internal analog circuits to maintain the high
level of noise performance over varying conditions. The calibration
correction digitally monitors the errors in the various analog
blocks, calculates the error, and applies corrections. The back-
ground correction is calculated every 3 × 233 samples; therefore,
when running at 310 MSPS, the update rate is about 83 seconds.
Each calibration cycle is independent from previous calibrations to
improve tracking. There are no requirements on the input signal
for the background calibration.
The calibration occurs independently for each ADC path. The
background calibration continually operates but does not
update if the input signal is significantly out of range (beyond
the OTR) because this can cause errors in the calibration
calculation. The calibration engine monitors any errors and
Rev. A | Page 25 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com