Electronic Components Datasheet Search
  English  ▼

X  

AD9652 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9652
Description  16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9652 Datasheet HTML 28Page - Analog Devices AD9652 Datasheet HTML 29Page - Analog Devices AD9652 Datasheet HTML 30Page - Analog Devices AD9652 Datasheet HTML 31Page - Analog Devices AD9652 Datasheet HTML 32Page - Analog Devices AD9652 Datasheet HTML 33Page - Analog Devices AD9652 Datasheet HTML 34Page - Analog Devices AD9652 Datasheet HTML 35Page - Analog Devices AD9652 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD9652
Data Sheet
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 17 are not currently supported for this device.
Table 17. Memory Map Registers
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
Chip Configuration Registers
0x00
SPI port
config-
uration
(global)1
0
LSB first
Soft reset
1
1
Soft reset
LSB first
0
0x18
The nibbles
are mirrored
so that LSB
first mode
or MSB first
mode
registers
correctly,
regardless
of shift
mode
0x01
Chip ID
(global)
8-Bit Chip ID[7:0], (AD9652 = 0xC1) (default)
0xC1
Read only
0x02
Chip grade
(global)
Speed grade ID,
0x00: default
0x00
Speed
grade ID
used to
differ-
entiate
devices;
read only
Channel Index and Transfer Registers
0x05
Channel
index
(global)
Channel B
(default)
Channel A
(default)
0x03
Bits are
set to
determine
which
device on
the chip
receives
the next
write
command;
applies to
local
registers
only
0xFF
Transfer
(global)
Transfer
0x00
Synchro-
nously
transfers
data from
the master
shift register
to the slave
ADC Functions
0x08
Power
modes
(local)
Reserved,
set to 1
External
power-
down pin
function
(local)
0 =
power-
down
1=
standby
Internal power-down
mode (local)
00 = normal operation
01 = full power-down
10 = standby
11 = reserved
0x80
Controls
power-
down
options
0x09
Global clock
(global)
Enable
DCS
(default)
0x01
Rev. A | Page 32 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com