Electronic Components Datasheet Search
  English  ▼

X  

MAX1889 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1889
Description  Triple-Output TFT LCD Power Supply with Fault Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1889 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1889 Datasheet HTML 1Page - Maxim Integrated Products MAX1889 Datasheet HTML 2Page - Maxim Integrated Products MAX1889 Datasheet HTML 3Page - Maxim Integrated Products MAX1889 Datasheet HTML 4Page - Maxim Integrated Products MAX1889 Datasheet HTML 5Page - Maxim Integrated Products MAX1889 Datasheet HTML 6Page - Maxim Integrated Products MAX1889 Datasheet HTML 7Page - Maxim Integrated Products MAX1889 Datasheet HTML 8Page - Maxim Integrated Products MAX1889 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Triple-Output TFT LCD Power Supply
with Fault Protection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3V, SHDN = IN, CREF = 0.22µF, PGND = GND, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, OCN, OCP,
FB, FBP, FBN, FREQ to GND ...............................-0.3V to +6V
PGND to GND.....................................................................±0.3V
LX to PGND ............................................................-0.3V to +14V
DRVP to GND .........................................................-0.3V to +30V
REF, GATE, TGND to GND ..........................-0.3V to (VIN + 0.3V)
DRVN to GND .....................................(VIN - 28V) to (VIN + 0.3V)
Continuous Power Dissipation (TA = +70°C)
16-Pin QFN (derate 19.2mW/°C above +70°C) .........1538mW
Operating Temperature Range
MAX1889EGE ..................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN Supply Range
VIN
2.7
5.5
V
VIN rising
2.55
2.7
2.85
IN Undervoltage Lockout
(UVLO) Threshold
VUVLO
350mV typical
hysteresis
VIN falling
2.2
2.35
2.5
V
IN Quiescent Current
IIN
VFB = VFBP = 1.5V, VFBN = 0V (Note 1)
1.0
mA
IN Shutdown Current
VSHDN = 0, VIN = 5V
0.1
1.0
µA
REF Output Voltage
VREF
-2µA < IREF < 50µA
1.231
1.250
1.269
V
Thermal Shutdown
160
°C
MAIN STEP-UP REGULATOR
Main Output Voltage Range
VMAIN
VIN
13
V
VFREQ = VIN
0.85
1
1.15
MHz
Operating Frequency
fOSC
VFREQ = 0V
500
kHz
Oscillator Maximum Duty Cycle
80
85
90
%
FB Regulation Voltage
VFB
ILX = 200mA, slope = 0 (Note 2)
1.229
1.242
1.254
V
FB Fault Trip Level
VFB falling
0.95
1.0
1.05
V
Load Regulation
IMAIN = 0 to full load
-1.6
%
Line Regulation
VIN = 2.7V to 5.5V
0.2
%/V
FB Input Bias Current
IFB
VFB = 1.5V
-100
+100
nA
LX Switch On-Resistance
RLX(ON)
250
450
m
Ω
LX Leakage Current
ILX
VLX = 13V
0.01
20
µA
LX Current Limit
ILIM
1.6
2.1
2.8
A
LX RMS Current Rating
Not tested
1.4
A
Soft-Start Period
tSS
4096 /
fOSC
s
Soft-Start Step Size
VREF /32
V
POSITIVE LINEAR-REGULATOR CONTROLLER
FBP Regulation Voltage
VFBP
IDRVP = 0.2mA
1.213
1.25
1.288
V
FBP Fault Trip Level
VFBP falling
0.96
1.0
1.04
V
FBP Input Bias Current
IFBP
VFBP = 1.25V
-50
+50
nA
FBP Effective Transconductance
VDRVP = 10V, IDRVP = 0.1mA to 2mA
75
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com