Electronic Components Datasheet Search
  English  ▼

X  

MAX1889 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1889
Description  Triple-Output TFT LCD Power Supply with Fault Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1889 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1889 Datasheet HTML 2Page - Maxim Integrated Products MAX1889 Datasheet HTML 3Page - Maxim Integrated Products MAX1889 Datasheet HTML 4Page - Maxim Integrated Products MAX1889 Datasheet HTML 5Page - Maxim Integrated Products MAX1889 Datasheet HTML 6Page - Maxim Integrated Products MAX1889 Datasheet HTML 7Page - Maxim Integrated Products MAX1889 Datasheet HTML 8Page - Maxim Integrated Products MAX1889 Datasheet HTML 9Page - Maxim Integrated Products MAX1889 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Triple-Output TFT LCD Power Supply
with Fault Protection
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = +3.3V, VMAIN = +9V, VPL = +20V, VNL = -7V, SHDN = FREQ = IN, PGND = GND, TA = +25°C, unless
otherwise noted.)
1
10
100
1000
STEP-UP REGULATOR OUTPUT VOLTAGE
vs. LOAD CURRENT (VMAIN = 13V)
LOAD CURRENT (mA)
13.1
12.5
12.6
12.7
12.8
12.9
13.0
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
500
700
600
900
800
1000
1100
STEP-UP REGULATOR SWITCHING
FREQUENCY vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
2.5
3.5
4.0
3.0
4.5
5.0
5.5
VIN = 3.3V
VMAIN = 9V
IMAIN = 200mA
10
µs/div
STEP-UP REGULATOR LOAD-TRANSIENT
RESPONSE (0 TO 200mA)
A
B
9V
1A
MAX1889 toc06
C
500mA
0
8.9V
0
200mA
A: INDUCTOR CURRENT, 500mA/div
B: VMAIN = 9V, 100mV/div, AC-COUPLED
C: IMAIN = 0 TO 200mA, 200mA/div
10
µs/div
STEP-UP REGULATOR LOAD-TRANSIENT
RESPONSE (0 TO 1A, 2
µs PULSE)
A
B
9V
2A
MAX1889 toc07
C
1A
0
8.9V
0
1A
A: INDUCTOR CURRENT, 1A/div
B: VMAIN = 9V, 100mV/div, AC-COUPLED
C: IMAIN = 0 TO 1A, 1A/div
8.8V
1ms/div
STEP-UP REGULATOR SOFT-START
(10mA LOAD) FROM
SLOW-RISING INPUT SUPPLY
A
B
5V
5V
MAX1889 toc08
C
0
5V
0
0
5V
A: VIN, 5V/div
B: VGATE, 5V/div
C: VC2, 5V/div
D: VMAIN = 9V, 5V/div
10V
D
0
1ms/div
STEP-UP REGULATOR SOFT-START
(200mA LOAD) FROM
SLOW-RISING INPUT SUPPLY
A
B
5V
5V
MAX1889 toc09
C
0
5V
0
0
5V
A: VIN, 5V/div
B: VGATE, 5V/div
C: VC2, 5V/div
D: VMAIN = 9V, 5V/div
10V
D
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com