Electronic Components Datasheet Search
  English  ▼

X  

MAX1889 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX1889
Description  Triple-Output TFT LCD Power Supply with Fault Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1889 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX1889 Datasheet HTML 18Page - Maxim Integrated Products MAX1889 Datasheet HTML 19Page - Maxim Integrated Products MAX1889 Datasheet HTML 20Page - Maxim Integrated Products MAX1889 Datasheet HTML 21Page - Maxim Integrated Products MAX1889 Datasheet HTML 22Page - Maxim Integrated Products MAX1889 Datasheet HTML 23Page - Maxim Integrated Products MAX1889 Datasheet HTML 24Page - Maxim Integrated Products MAX1889 Datasheet HTML 25Page - Maxim Integrated Products MAX1889 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Triple-Output TFT LCD Power Supply
with Fault Protection
22
______________________________________________________________________________________
The transistor’s current gain limits the guaranteed maxi-
mum output current to:
where IDRV is the minimum base-drive current, and RBE
is the pullup resistor connected between the transis-
tor’s base and emitter. Furthermore, the transistor’s cur-
rent gain increases the linear regulator’s DC loop gain
(see the Stability Requirements section), so excessive
gain destabilizes the output. Therefore, transistors with
current gain over 100 at the maximum output current
are not recommended. The transistor’s input capaci-
tance and input resistance also create a second pole,
which could be low enough to make the output unsta-
ble when heavily loaded.
The transistor’s saturation voltage at the maximum output
current determines the minimum input-to-output voltage
differential that the linear regulator supports.
Alternatively, the package’s power dissipation could limit
the usable maximum input-to-output voltage differential.
The maximum power dissipation capability of the transis-
tor’s package and mounting must exceed the actual
power dissipation in the device. The power dissipation
equals the maximum load current times the maximum
input-to-output voltage differential:
During startup, the LDO outputs are below their respec-
tive setpoints, and the base drive to the pass transis-
tors is a maximum. The large drive currents can cause
the charge-pump outputs to collapse. If the charge-
pump loading is objectionable, base resistors can be
added between the drive outputs (DRVN and DRVP)
and the pass transistors (Figure 7). These resistors limit
the maximum drive current and prevent discharging the
charge pump’s output capacitors. Select the minimum
base drive current to meet the maximum required LDO
output current:
The resistance required to guarantee this base current is:
As a consequence of adding the base resistors, a volt-
age change at DRVN and DRVP accompanies changes
in drive current. This voltage change can be coupled
through parasitic capacitance to the LDO feedback
pins. If the rate of voltage change is sufficiently large, it
can cause instability.
R
VV
I
VV
I
BASE
LDOIN MAX
BE
DRIVE MIN
MIN
LDOIN MAX
BE
LDOOUT MAX
≤
=
()
()
()
()
()
-
-
β
I
I
DRIVE MIN
LDOOUT MAX
MIN
()
()
=
β
PI
V
V
IV
LOAD MAX
LDOIN
LDOOUT
LOAD MAX
CE
==
()
()
()
-
II
V
R
LOAD MAX
DRV
BE
BE
MIN
() =


-
β
DRVP
FBP
DRVN
FBN
Q1
Q2
VPL
7
6
8
9
REF
R20
51k
Ω
R19
15k
Ω
C24
2200pF
C20
470pF
VNL
VN
VP
MAX1889
Figure 7. Limiting LDO Drive Current During Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com