Electronic Components Datasheet Search
  English  ▼

X  

MAX1889 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX1889
Description  Triple-Output TFT LCD Power Supply with Fault Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1889 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX1889 Datasheet HTML 21Page - Maxim Integrated Products MAX1889 Datasheet HTML 22Page - Maxim Integrated Products MAX1889 Datasheet HTML 23Page - Maxim Integrated Products MAX1889 Datasheet HTML 24Page - Maxim Integrated Products MAX1889 Datasheet HTML 25Page - Maxim Integrated Products MAX1889 Datasheet HTML 26Page - Maxim Integrated Products MAX1889 Datasheet HTML 27Page - Maxim Integrated Products MAX1889 Datasheet HTML 28Page - Maxim Integrated Products MAX1889 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Additional Application Circuits
Operation with Output Voltage >13V
The maximum output voltage of the step-up regulator is
13V, which is limited by the absolute maximum rating of
the internal power MOSFET. To achieve higher output
voltage, an external N-channel MOSFET can be cas-
coded with the internal FET (Figure 9). Since the gate of
the external FET is biased from the input supply, use a
logic-level FET to ensure that the FET is fully enhanced
at the minimum input voltage. The current rating of the
FET needs to be higher than the internal current limit.
Changing Power-Up Sequence
The power-up sequencing of the linear regulators can be
controlled using external delays. Figure 10 shows an
application where the negative linear-regulator output
powers up with a certain delay after the positive linear
regulator reaches regulation. The resistors R1, R2, and
the capacitor C form an RC network that provides the
power-up delay. The time constant of this RC network is:
Select the ratio of R1 and R2 so that:
or:
With this R1/R2 ratio, the power-up delay can be calcu-
lated as:
where VD is the forward voltage drop of the diode and
0.125V is the FBN regulation point.
As a design example, assume the positive linear-regu-
lator output VPL is +20V, the negative charge-pump
output VN is -9V, and the required power-up delay time
tD is 4ms:
The ratio of R1 and R2 should be:
The required RC time constant is:
Choose C = 0.1µF, then R1//R2 = 16.8k
Ω. Use stan-
dard resistor values: R1 = 56k
Ω and R2 = 24kΩ.
Disabling Input MOSFET Switch
If the input protection MOSFET is not needed, disable
the input overcurrent comparator by connecting the
OCP pin to ground, the OCN pin to VIN. Leave the
GATE pin floating (Figure 11).
Generating Gamma Reference Voltage
The reference voltage for the Gamma correction resis-
tor string can be produced using the linear-regulator
controller. If the voltage difference between the main
boost voltage (VMAIN) and the Gamma reference volt-
age is 400mV or greater, the emitter of the PNP pass
transistor should be connected to VMAIN.
τ=
+
=
4
20
9
20 9
07 0125
168
ms
ms
ln
..
.
-
R
R
1
2
9
20
=
ττ
D
PL
D
V
R
RR
VV
=
+
ln
.
1
12
0 125
-
R
R
V
V
N
PL
1
2
= -
V
R
RR
V
R
RR
NPL
2
12
1
12
0
+
+
+
=
τ=
×
+
RR
RR
C
12
12
Triple-Output TFT LCD Power Supply
with Fault Protection
______________________________________________________________________________________
25
STEP-UP
REGULATOR
LX
FB
PGND
MAX1889
VN
VP
VMAIN
15V
VIN
Figure 9. Operation with Output Voltage >13V Using Cascoded
MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com