Electronic Components Datasheet Search
  English  ▼

X  

MAX188 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX188
Description  Triple-Output TFT LCD Power Supply with Fault Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX188 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX188 Datasheet HTML 10Page - Maxim Integrated Products MAX188 Datasheet HTML 11Page - Maxim Integrated Products MAX188 Datasheet HTML 12Page - Maxim Integrated Products MAX188 Datasheet HTML 13Page - Maxim Integrated Products MAX188 Datasheet HTML 14Page - Maxim Integrated Products MAX188 Datasheet HTML 15Page - Maxim Integrated Products MAX188 Datasheet HTML 16Page - Maxim Integrated Products MAX188 Datasheet HTML 17Page - Maxim Integrated Products MAX188 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Triple-Output TFT LCD Power Supply
with Fault Protection
14
______________________________________________________________________________________
Depending on the input-to-output voltage ratio, the reg-
ulator controls the output voltage and the power deliv-
ered to the output by modulating the duty cycle (D) of
the power MOSFET in each switching cycle. The duty
cycle of the MOSFET is approximated by:
On the rising edge of the internal clock, the controller
sets a flip-flop, which turns on the N-channel MOSFET
(Figure 3). The input voltage is applied across the
inductor. The inductor current ramps up linearly, storing
energy in a magnetic field. Once the sum of the feed-
back voltage error-amplifier output, slope-compensa-
tion, and current-feedback signals trip the multi-input
PWM comparator, the MOSFET turns off, and the flip-
flop resets. Since the inductor current is continuous, a
transverse potential develops across the inductor that
turns on the diode (D1). The voltage across the inductor
becomes the difference between the output voltage and
the input voltage. This discharge condition forces the
current through the inductor to ramp back down, trans-
ferring the energy to the output capacitor and the load.
The MOSFET remains off for the rest of the clock cycle.
D
VV
V
MAIN
IN
MAIN
≈
-
+
-
+
-
+
-
+
-
+
-
ILIM
CURRENT
SENSE
OSC
ILIM
COMPARATOR
RESET DOMINANT
+
-
+
-
Σ
S
RQ
SSDONE
SOFT-START
REFOUT
SSOK
REFIN
CLK
ONMN
REF
FB
SLOPE_COMP
PGND
LX
FAULT M
EN
MAX1889
Figure 3. Main Step-Up Regulator Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com