Electronic Components Datasheet Search
  English  ▼

X  

MAX188 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX188
Description  Triple-Output TFT LCD Power Supply with Fault Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX188 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX188 Datasheet HTML 1Page - Maxim Integrated Products MAX188 Datasheet HTML 2Page - Maxim Integrated Products MAX188 Datasheet HTML 3Page - Maxim Integrated Products MAX188 Datasheet HTML 4Page - Maxim Integrated Products MAX188 Datasheet HTML 5Page - Maxim Integrated Products MAX188 Datasheet HTML 6Page - Maxim Integrated Products MAX188 Datasheet HTML 7Page - Maxim Integrated Products MAX188 Datasheet HTML 8Page - Maxim Integrated Products MAX188 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Triple-Output TFT LCD Power Supply
with Fault Protection
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3V, SHDN = IN, CREF = 0.22µF, PGND = GND, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FBP Line Regulation
IDRVP = 0.2mA, VIN = 2.7V to 5.5V
1
mV
Bandwidth
(Note 3)
200
kHz
DRVP Sink Current
IDRVP
VFBP = 1.1V, VDRVP = 10V
5
mA
DRVP Off-Leakage Current
VFBP = 1.1V, VDRVP = 28V
0.1
10
µA
NEGATIVE LINEAR-REGULATOR CONTROLLER
FBN Regulation Voltage
VFBN
IDRVN = 0.2mA
95
125
155
mV
FBN Fault Trip Level
VFBN rising
325
400
475
mV
FBN Input Bias Current
IFBN
VFBN = 0V
-50
+50
nA
FBN Effective Transconductance
VDRVN = -10V, IDRVN = 0.1mA to 2mA
75
mS
FBN Line Regulation
IDRVN = 0.2mA, VIN = 2.7V to 5.5V
1
mV
Bandwidth
(Note 2)
200
kHz
DRVN Sink Current
IDRVN
VFBN = 200mV, VDRVN = -10V
5
mA
DRVN Off-Leakage Current
VFBP = -0.1V, VDRVN = -20V
0.1
10
µA
LOGIC SIGNAL (SHDN)
Input Low Voltage
100mV typical hysteresis, VIN = 2.7V to 5.5V
0.4
V
Input High Voltage
VIN = 2.7V to 5.5V
1.6
V
Input Current
ISHDN
0.01
1µA
LOGIC SIGNAL (FREQ)
Input Low Voltage
0.15 x VIN typical hysteresis
0.3 x
VIN
V
Input High Voltage
0.7 x
VIN
V
Input Current
IFREQ
0.01
1µA
OVERCURRENT COMPARATOR
Input Offset Voltage
-5
+5
mV
Input Bias Current
IOCN,
IOCP
VOCN = VOCP = VIN
-50
+50
nA
OCN, OCP Input
Common-Mode Range
1.5
0.8 x
VIN
V
FAULT TIMER AND GATE DRIVER
VFREQ = 0V, 32768/fOSC
64
Fault Timer Period
tFAULT
VFREQ = VIN, 65536/fOSC
64
ms
GATE Output Sink Current
During Slew
IGATE
VGATE = 1.5V, during turn-on transition
6
12
18
µA
GATE Output
Pulldown Resistance
VGATE < 0.5V
200
Ω
GATE Output Pullup Resistance
200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com