Electronic Components Datasheet Search
  English  ▼

X  

MAX188 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX188
Description  Triple-Output TFT LCD Power Supply with Fault Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX188 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX188 Datasheet HTML 17Page - Maxim Integrated Products MAX188 Datasheet HTML 18Page - Maxim Integrated Products MAX188 Datasheet HTML 19Page - Maxim Integrated Products MAX188 Datasheet HTML 20Page - Maxim Integrated Products MAX188 Datasheet HTML 21Page - Maxim Integrated Products MAX188 Datasheet HTML 22Page - Maxim Integrated Products MAX188 Datasheet HTML 23Page - Maxim Integrated Products MAX188 Datasheet HTML 24Page - Maxim Integrated Products MAX188 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Triple-Output TFT LCD Power Supply
with Fault Protection
______________________________________________________________________________________
21
The number of negative charge-pump stages is given by:
where NNEG is the number of negative charge-pump
stages, VNL is the negative linear-regulator output,
VMAIN is the main step-up regulator output, VD is the
forward voltage drop of the charge-pump diode, and
VDROPOUT is the dropout margin for the linear regulator.
Use VDROPOUT = 2V.
The above equations are derived based on the
assumption that the first stage of the positive charge
pump is connected to VMAIN and the first stage of the
negative charge pump is connected to ground.
Sometimes fractional stages are more desirable for bet-
ter efficiency. This can be done by connecting the first
stage to VIN or another available supply.
If the first charge-pump stage is powered from VIN,
then the above equations become:
Flying Capacitor
Increasing the flying capacitor (CX) value increases the
output current capability. Increasing the capacitance
indefinitely has a negligible effect on output current
capability because the internal switch resistance and
the diode impedance limit the source impedance. A
0.1µF ceramic capacitor works well in most low-current
applications. The flying capacitor’s voltage rating must
exceed the following:
where N is the stage number in which the flying capaci-
tor appears, and VMAIN is the main output voltage. For
example, the two-stage positive charge pump in the
typical application circuit (Figure 1) where VMAIN = 9V
contains two flying capacitors. The flying capacitor in
the first stage (C14) requires a voltage rating over 9V.
The flying capacitor in the second stage (C13) requires
a voltage rating over 18V.
Charge-Pump Output Capacitor
Increasing the output capacitance or decreasing the
ESR reduces the output ripple voltage and the peak-to-
peak transient voltage. With ceramic capacitors, the
output voltage ripple is dominated by the capacitance
value. Use the following equation to approximate the
required capacitor value:
where VRIPPLE is the peak-to-peak value of the output
ripple.
Charge-Pump Rectifier Diodes
Use Schottky diodes with a current rating equal to or
greater than two times the average charge-pump input
current.
Linear-Regulator Controllers
Output Voltage Selection
Adjust the positive linear-regulator output voltage by
connecting a resistive voltage-divider from VPL to GND
with the center tap connected to FBP (Figure 1). Select
R13 in the range of 10k
Ω to 30kΩ.
Calculate R12 with the following equation:
R12 = R13 [(VPL / VFBP) - 1]
where VFBP = 1.25V.
Adjust the negative linear-regulator output voltage by
connecting a resistive voltage-divider from VNL to REF
with the center tap connected to FBN (Figure 1). Select
R10 in the range of 10k
Ω to 30kΩ. Calculate R9 with the
following equation:
R9 = R10 [(VFBN - VNL) / (VREF - VFBN)]
where VFBN = 125mV, VREF = 1.25V. Note that REF is
only guaranteed to source 50µA. Using a resistor less
than 20k
Ω for R10 results in higher bias current than
REF can supply. Connecting another resistor (R14)
from VMAIN to REF (Figure 1) can solve this problem
because the main output can supply part of the resis-
tor’s (R10) bias current. Use the following equation to
determine the value of R14:
Drawing only 40µA from REF leaves the remaining
10µA for other purposes.
Pass Transistor Selection
The pass transistor must meet specifications for current
gain (
β), input capacitance, collector-emitter saturation
voltage, and power dissipation.
R
VV
VV
R
A
MAIN
REF
REF
FBN
14
10
40
=


µ
-
-
-
C
I
fV
OUT
LOAD
OSC RIPPLE
≥
2
VN V
CX
MAIN
>×
N
VV
V
VV
N
VV
V
VV
POS
PL
DROPOUT
IN
MAIN
D
NEG
NL
DROPOUT
IN
MAIN
D
=
+
×
=
++
×
-
-
-
-
2
2
N
VV
VV
NEG
NL
DOPOUT
MAIN
D
=
+
×
-
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com