Electronic Components Datasheet Search
  English  ▼

X  

MAX188 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX188
Description  Triple-Output TFT LCD Power Supply with Fault Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX188 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX188 Datasheet HTML 1Page - Maxim Integrated Products MAX188 Datasheet HTML 2Page - Maxim Integrated Products MAX188 Datasheet HTML 3Page - Maxim Integrated Products MAX188 Datasheet HTML 4Page - Maxim Integrated Products MAX188 Datasheet HTML 5Page - Maxim Integrated Products MAX188 Datasheet HTML 6Page - Maxim Integrated Products MAX188 Datasheet HTML 7Page - Maxim Integrated Products MAX188 Datasheet HTML 8Page - Maxim Integrated Products MAX188 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Triple-Output TFT LCD Power Supply
with Fault Protection
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3V, SHDN = IN, CREF = 0.22µF, PGND = GND, TA = -40°C to +85°C.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC SIGNAL (FREQ)
Input Low Voltage
0.15 x VIN typical hysteresis
0.3 x VIN
V
Input High Voltage
0.7 x VIN
V
Input Current
IFREQ
1µA
OVERCURRENT COMPARATOR
Input Offset Voltage
-5
+5
mV
Input Bias Current
IOCN,
IOCP
VOCN = VOCP = VIN
-50
+50
nA
OCN, OCP Input
Common-Mode Range
1.5
0.8 x
VIN
V
FAULT TIMER AND GATE DRIVER
GATE Output Sink Current
IGATE
VGATE = 1.5V, during turn-on transition
6
18
µA
GATE Output
Pulldown Resistance
VGATE < 0.5V
200
Ω
GATE Output Pullup Resistance
200
Ω
Note 1: Quiescent current does not include switching losses.
Note 2: FB regulation voltage is tested with no slope compensation ramp. Slope compensation needs to be included when selecting
resisitors for setting the output voltage (see Main Step-Up Regulator and Output Voltage Selection sections).
Note 3: Guaranteed by design. Not production tested.
Note 4: Specifications to -40°C are guaranteed by design, not production tested.
Typical Operating Characteristics
(Circuit of Figure 1, VIN = +3.3V, VMAIN = +9V, VPL = +20V, VNL = -7V, SHDN = FREQ = IN, PGND = GND, TA = +25°C, unless
otherwise noted.)
50
1
1000
100
10
STEP-UP REGULATOR EFFICENCY
vs. LOAD CURRENT (VMAIN = 9V)
100
70
60
90
80
LOAD CURRENT (mA)
A
B
C
A: VIN = 2.7V
B: VIN = 3.3V
C: VIN = 5.5V
1
10
100
1000
STEP-UP REGULATOR OUTPUT VOLTAGE
vs. LOAD CURRENT (VMAIN = 9V)
LOAD CURRENT (mA)
9.1
8.5
8.6
8.7
8.8
8.9
9.0
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
100
50
110
100
1000
STEP-UP REGULATOR EFFICIENCY
vs. LOAD CURRENT (VMAIN = 13V)
60
LOAD CURRENT (mA)
70
80
90
A: VIN = 2.7V
B: VIN = 3.3V
C: VIN = 5.5V
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com