Electronic Components Datasheet Search
  English  ▼

X  

HT46R47 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R47
Description  8-Bit OTP Battery Charger Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R47 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R47 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
HT46R47
Rev. 1.40
13
July 18, 2001
Timer can be disabled by a ROM code option. If
the Watchdog Timer is disabled, all the execu-
tions related to the WDT result in no operation.
Once the internal oscillator (RC oscillator with
a period of 72ms/5V normally) is selected, it is
first divided by 256 (8-stage) to get the nominal
time-out period of approximately 18.6ms/5V.
This time-out period may vary with tempera-
tures, VDD and process variations. By invoking
the WDT prescaler, longer time-out periods can
be realized and the maximum time-out period
is 2.3s/5V~4.7s/5V seconds. If the WDT oscilla-
tor is disabled, the WDT clock may still come
from the instruction clock and operate in the
same manner except that in the HALT state the
WDT may stop counting and lose its protecting
purpose. In this situation the logic can only be
restarted by external logic.
If the device operates in a noisy environment, us-
ing the on-chip RC oscillator (WDT OSC) is
strongly recommended, since the HALT will stop
the system clock.
The WDT overflow under normal operation will
initialize ²chip reset² and set the status bit
²TO². But in the HALT mode, the overflow will
initialize a ²warm reset², and only the PC and
SP are reset to zero. To clear the contents of
WDT, three methods are adopted; external re-
set (a low level to RES), software instruction
and a "HALT" instruction. The software in-
struction include ²CLR WDT² and the other set
-²CLR WDT1² and ²CLR WDT2². Of these two
types of instruction, only one can be active de-
pending on the ROM code option -²CLR WDT
times selection option².Ifthe ²CLR WDT² is se-
lected (i.e. CLRWDT times equal one), any exe-
cution of the ²CLR WDT² instruction will clear
the WDT. In the case that ²CLR WDT1² and
²CLR WDT2² are chosen (i.e. CLRWDT times
equal two), these two instructions must be exe-
cuted to clear the WDT; otherwise, the WDT
may reset the chip as a result of time-out.
Power down operation - HALT
The HALT mode is initialized by the ²HALT²
instruction and results in the following...
· The system oscillator will be turned off but
the WDT oscillator keeps running (if the
WDT oscillator is selected).
· The contents of the on chip RAM and regis-
ters remain unchanged.
· WDT will be cleared and recounted again (if
the WDT clock is from the WDT oscillator).
· All of the I/O ports maintain their original sta-
tus.
· The PD flag is set and the TO flag is cleared.
The system can leave the HALT mode by means
of an external reset, an interrupt, an external
falling edge signal on port A or a WDT overflow.
An external reset causes a device initialization
and the WDT overflow performs a ²warm re-
set². After the TO and PD flags are examined,
the reason for chip reset can be determined.
The PD flag is cleared by system power-up or
executing the ²CLR WDT² instruction and is
set when executing the ²HALT² instruction.
The TO flag is set if the WDT time-out occurs,
and causes a wake-up that only resets the PC
and SP; the others keep their original status.
The port A wake-up and interrupt methods can
be considered as a continuation of normal exe-
cution. Each bit in port A can be independently
selected to wake up the device by the ROM code
option. Awakening from an I/O port stimulus,
the program will resume execution of the next
instruction. If it is awakening from an inter-
rupt, two sequences may happen. If the related
interrupt is disabled or the interrupt is enabled
but the stack is full, the program will resume
execution at the next instruction. If the inter-
rupt is enabled and the stack is not full, the reg-
ular interrupt response takes place. If an
interrupt request flag is set to ²1² before enter-
ing the HALT mode, the wake-up function of
the related interrupt will be disabled. Once a
wake-up event occurs, it takes 1024 tSYS (sys-
tem clock period) to resume normal operation.
In other words, a dummy period will be inserted
after wake-up. If the wake-up results from an
interrupt acknowledgment, the actual inter-
rupt subroutine execution will be delayed by
one or more cycles. If the wake-up results in the
next instruction execution, this will be executed
immediately after the dummy period is fin-
ished.
To minimize power consumption, all the I/O
pins should be carefully managed before enter-
ing the HALT status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com