Electronic Components Datasheet Search
  English  ▼

X  

HT46R47 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT46R47
Description  8-Bit OTP Battery Charger Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R47 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT46R47 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 45Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
SNZ [m].i
Skip if bit ²i² of the data memory is not 0.
Description
If bit ²i² of the specified data memory is not 0, the next instruction is skipped.
If bit ²i² of the data memory is not 0, the following instruction, fetched during
the current instruction execution, is discarded and a dummy cycle is re-
placed to get the proper instruction (2 cycles). Otherwise proceed with the
next instruction (1 cycle).
Operation
Skip if [m].i¹0
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SUB A,[m]
Subtract data memory from the accumulator.
Description
The specified data memory is subtracted from the contents of the accumula-
tor, leaving the result in the accumulator.
Operation
ACC ¬ ACC+[m]+1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SUBM A,[m]
Subtract data memory from the accumulator.
Description
The specified data memory is subtracted from the contents of the accumula-
tor, leaving the result in the data memory.
Operation
[m] ¬ ACC+[m]+1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SUB A,x
Subtract immediate data from the accumulator.
Description
The immediate data specified by the code is subtracted from the contents of
the accumulator, leaving the result in the accumulator.
Operation
ACC ¬ ACC+x+1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
HT46R47
Rev. 1.40
41
July 18, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com