Electronic Components Datasheet Search
  English  ▼

X  

HT46R47 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT46R47
Description  8-Bit OTP Battery Charger Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R47 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT46R47 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
SBC A,[m]
Subtract data memory and carry from the accumulator.
Description
The contents of the specified data memory and the complement of the carry
flag are subtracted from the accumulator, leaving the result in the accumula-
tor.
Operation
ACC ¬ ACC+[m]+C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SBCM A,[m]
Subtract data memory and carry from the accumulator.
Description
The contents of the specified data memory and the complement of the carry
flag are subtracted from the accumulator, leaving the result in the data
memory.
Operation
[m] ¬ ACC+[m]+C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SDZ [m]
Skip if decrement data memory is 0.
Description
The contents of the specified data memory are decremented by 1. If the result
is 0, the next instruction is skipped. If the result is 0, the following instruc-
tion, fetched during the current instruction execution, is discarded and a
dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise
proceed with the next instruction (1 cycle).
Operation
Skip if ([m]-1)=0, [m] ¬ ([m]-1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SDZA [m]
Decrement data memory and place result in ACC, skip if 0.
Description
The contents of the specified data memory are decremented by 1. If the result
is 0, the next instruction is skipped. The result is stored in the accumulator
but the data memory remains unchanged. If the result is 0, the following in-
struction, fetched during the current instruction execution, is discarded and
a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise
proceed with the next instruction (1 cycle).
Operation
Skip if ([m]-1)=0, ACC ¬ ([m]-1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT46R47
Rev. 1.40
39
July 18, 2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com