Electronic Components Datasheet Search
  English  ▼

X  

HT46R47 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R47
Description  8-Bit OTP Battery Charger Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R47 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R47 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
HT46R47
Rev. 1.40
21
July 18, 2001
When the A/D conversion is completed, the A/D
interrupt request flag is set. The EOC bit is set
to ²1² when the START bit is set from ²0² to ²1².
Register Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
ADRL
D0 ¾¾¾¾¾¾¾
ADRH
D8 D7 D6 D5 D4 D3 D2 D1
* D0~D8 is A/D conversion result data bit
LSB~MSB.
Low voltage reset - LVR
The microcontroller provides low voltage reset
circuit in order to monitor the supply voltage of
the device. If the supply voltage of the device is
within the range 0.9V~3.3V, such as changing a
battery, the LVR will automatically reset the
device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~3.3V) has to remain in
their original state to exceed 1ms. If the low
voltage state does not exceed 1ms, the LVR
will ignore it and do not perform a reset func-
tion.
· The LVR uses the ²OR² function with the exter-
nal RES signal to perform chip reset.
The relationship between VDD and VLVR is
shown below.
Note: VOPR is the voltage range for proper chip
operation at 4MHz system clock.
000B
000B
100B
010B
* 76 T A D
100B
000B
000B
* * X X X B
ST AR T
EO C
PC R 0 ~ P C R 2
AC S0 ~ A C S 2
Po w e r
On
Re s e t
S t a r t o f A /D
c onv er s i on
Re s e t A / D
c onv er t e r
S t a r t o f A /D
c onv er s i on
Re s e t A / D
c onv er t e r
E nd of A / D
c onv er t e r
E nd of A / D
c onv er t e r
1: D e f i ne P B c o n f i gur a t i o n
2: S el ec t anal og c h a nnel
** *3 : S e l e c t A D C c l o c k
( E x a m p l e : 4 c hannel , A N 2,
f SY S /8 )
1: A l l P B l i ne i s d i g i t al i nput
2 : A /D c o n v e r t e r i s p o w e r o f f
t o r educ e pow er c ons um p t i o n
* 76 T A D
" * " A / D c onv er t i ng t i m e i s 7 6 T A D
" * * " X X X B m eans d on' t c a r e
" * * * " A D C cl o ck m u st b e f SY S /2 , f SY S /8 , f SY S /3 2
No t e :
5. 5V
3. 3V
3. 0V
0. 9V
V DD
V OP R
V LVR
5. 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com