Electronic Components Datasheet Search
  English  ▼

X  

LTC1871 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1871
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1871 Datasheet HTML 21Page - Linear Technology LTC1871 Datasheet HTML 22Page - Linear Technology LTC1871 Datasheet HTML 23Page - Linear Technology LTC1871 Datasheet HTML 24Page - Linear Technology LTC1871 Datasheet HTML 25Page - Linear Technology LTC1871 Datasheet HTML 26Page - Linear Technology LTC1871 Datasheet HTML 27Page - Linear Technology LTC1871 Datasheet HTML 28Page - Linear Technology LTC1871 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
LTC1871
APPLICATIO S I FOR ATIO
It is worth noting here that SEPIC converters that operate
at high duty cycles (i.e., that develop a high output voltage
from a low input voltage) can have very high input cur-
rents, relative to the output current. Be sure to check that
the maximum load current will not overload the input
supply.
SEPIC Converter: Inductor Selection
For most SEPIC applications the equal inductor values will
fall in the range of 10
µH to 100µH. Higher values will
reduce the input ripple voltage and reduce the core loss.
Lower inductor values are chosen to reduce physical size
and improve transient response.
Like the boost converter, the input current of the SEPIC
converter is calculated at full load current and minimum
input voltage. The peak inductor current can be signifi-
cantly higher than the output current, especially with
smaller inductors and lighter loads. The following formu-
las assume CCM operation and calculate the maximum
peak inductor currents at minimum VIN:
II
VV
V
II
VV
V
L PEAK
O MAX
OD
IN MIN
L PEAK
O MAX
IN MIN
D
IN MIN
1
2
1
2
1
2
()
(
)
()
()
(
)
()
()
••
••
=+


+
=+


+
χ
χ
The ripple current in the inductor is typically 20% to 40%
(i.e., a range of ‘χ’ from 0.20 to 0.40) of the maximum
average input current occurring at VIN(MIN) and IO(MAX)
and
∆IL1 = ∆IL2. Expressing this ripple current as a
function of the output current results in the following
equations for calculating the inductor value:
L
V
If
D
IN MIN
L
MAX
=
∆
()
•
•
where
II
D
D
L
O MAX
MAX
MAX
:
••
–
()
∆= χ
1
By making L1 = L2 and winding them on the same core, the
value of inductance in the equation above is replace by 2L
due to mutual inductance. Doing this maintains the same
ripple current and energy storage in the inductors. For
example, a Coiltronix CTX10-4 is a 10
µH inductor with two
windings. With the windings in parallel, 10
µH inductance
is obtained with a current rating of 4A (the number of turns
hasn’t changed, but the wire diameter has doubled).
Splitting the two windings creates two 10
µH inductors
with a current rating of 2A each. Therefore, substituting 2L
yields the following equation for coupled inductors:
LL
V
If
D
IN MIN
L
MAX
12
2
==
∆
()
••
•
Specify the maximum inductor current to safely handle
IL(PK) specified in the equation above. The saturation
current rating for the inductor should be checked at the
minimum input voltage (which results in the highest
inductor current) and maximum output current.
SEPIC Converter: Power MOSFET Selection
The power MOSFET serves two purposes in the LTC1871:
it represents the main switching element in the power
path, and its RDS(ON) represents the current sensing
element for the control loop. Important parameters for the
power MOSFET include the drain-to-source breakdown
voltage (BVDSS), the threshold voltage (VGS(TH)), the on-
resistance (RDS(ON)) versus gate-to-source voltage, the
gate-to-source and gate-to-drain charges (QGS and QGD,
respectively), the maximum drain current (ID(MAX)) and
the MOSFET’s thermal resistances (RTH(JC) and RTH(JA)).
The gate drive voltage is set by the 5.2V INTVCC low
dropout regulator. Consequently, logic-level threshold
MOSFETs should be used in most LTC1871 applications.
If low input voltage operation is expected (e.g., supplying
power from a lithium-ion battery), then sublogic-level
threshold MOSFETs should be used.
The maximum voltage that the MOSFET switch must
sustain during the off-time in a SEPIC converter is equal to
the sum of the input and output voltages (VO + VIN). As a
result, careful attention must be paid to the BVDSS speci-
fications for the MOSFETs relative to the maximum actual
switch voltage in the application. Many logic-level devices
are limited to 30V or less. Check the switching waveforms
directly across the drain and source terminals of the power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com