Electronic Components Datasheet Search
  English  ▼

X  

LTC1871 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1871
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1871 Datasheet HTML 24Page - Linear Technology LTC1871 Datasheet HTML 25Page - Linear Technology LTC1871 Datasheet HTML 26Page - Linear Technology LTC1871 Datasheet HTML 27Page - Linear Technology LTC1871 Datasheet HTML 28Page - Linear Technology LTC1871 Datasheet HTML 29Page - Linear Technology LTC1871 Datasheet HTML 30Page - Linear Technology LTC1871 Datasheet HTML 31Page - Linear Technology LTC1871 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
LTC1871
choice is AVX TPS series of surface mount tantalum. Also,
ceramic capacitors are now available with extremely low
ESR, ESL and high ripple current ratings.
SEPIC Converter: Input Capacitor Selection
The input capacitor of a SEPIC converter is less critical
than the output capacitor due to the fact that an inductor
is in series with the input and the input current waveform
is triangular in shape. The input voltage source impedance
determines the size of the input capacitor which is typically
in the range of 10
µF to 100µF. A low ESR capacitor is
recommended, although it is not as critical as for the
output capacitor.
The RMS input capacitor ripple current for a SEPIC con-
verter is:
II
RMS CIN
L
()
•
=∆
1
12
Please note that the input capacitor can see a very high
surge current when a battery is suddenly connected to the
input of the converter and solid tantalum capacitors can
fail catastrophically under these conditions. Be sure to
specify surge-tested capacitors!
SEPIC Converter: Selecting the DC Coupling Capacitor
The coupling capacitor C1 in Figure 16 sees nearly a
rectangular current waveform as shown in Figure 17.
During the switch off-time the current through C1 is IO(VO/
VIN) while approximately – IO flows during the on-time.
This current waveform creates a triangular ripple voltage
on C1:
∆=
++
−
V
I
Cf
V
VV
V
CP P
OMAX
O
IN
O
D
1
1
()
()
•
•
The maximum voltage on C1 is then:
VV
V
C MAX
IN
CP P
1
1
2
()
()
=+
∆
−
which is typically close to VIN(MAX). The ripple current
through C1 is:
II
VV
V
RMS C
O MAX
OD
IN MIN
()
(
)
()
•
1 =
+
The value chosen for the DC coupling capacitor normally
starts with the minimum value that will satisfy 1) the RMS
current requirement and 2) the peak voltage requirement
(typically close to VIN). Low ESR ceramic and tantalum
capacitors work well here.
SEPIC Converter Design Example
The design example given here will be for the circuit shown
in Figure 18. The input voltage is 5V to 15V and the output
is 12V at a maximum load current of 1.5A (2A peak).
1. The duty cycle range is:
D
VV
VV
V
to
OD
IN
O
D
=
+
++


= 45 5
71 4
.%
.%
2. The operating mode chosen is pulse skipping, so the
MODE/SYNC pin is shorted to INTVCC.
3. The operating frequency is chosen to be 300kHz to
reduce the size of the inductors; the resistor from the
FREQ pin to ground is 80k.
4. An inductor ripple current of 40% is chosen, so the peak
input current (which is also the minimum saturation
current) is:
II
VV
V
A
L PEAK
O MAX
OD
IN MIN
1
1
2
1
04
2
15
12 0 5
5
45
()
(
)
()
••
.
•. •
.
.
=+


+
=+


+
=
χ
The inductor ripple current is:
∆=
==
II
D
D
A
L
O MAX
MAX
MAX
χ ••
–
.• .•
.
–.
.
()
1
04 15
0 714
1 0 714
15
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com