Electronic Components Datasheet Search
  English  ▼

X  

SA1110 Datasheet(PDF) 21 Page - Intel Corporation

Part # SA1110
Description  Intel StrongARM SA-1110 Microprocessor
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SA1110 Datasheet(HTML) 21 Page - Intel Corporation

Back Button SA1110 Datasheet HTML 17Page - Intel Corporation SA1110 Datasheet HTML 18Page - Intel Corporation SA1110 Datasheet HTML 19Page - Intel Corporation SA1110 Datasheet HTML 20Page - Intel Corporation SA1110 Datasheet HTML 21Page - Intel Corporation SA1110 Datasheet HTML 22Page - Intel Corporation SA1110 Datasheet HTML 23Page - Intel Corporation SA1110 Datasheet HTML 24Page - Intel Corporation SA1110 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 406 page
background image
SA-1110 Developer’s Manual
1-3
Introduction
Table 1-3.
Feature Additions to the SA-1110 from the SA-110
• Memory controller supporting ROM,
synchronous mask ROM (SMROM),
Flash, DRAM, synchronous DRAM
(SDRAM), SRAM, and SRAM-like
variable latency I/O
• LCD controller
— 1-, 2-, or 4-bit gray-scale levels
— 8-, 12-, or 16-bit color levels
• 230-Kbps UART
• Touch-screen, audio, telecom port
• Infrared data (IrDA) serial port
— 115 Kbps, 4 Mbps
• Six-channel DMA controller
• Integrated two-slot PCMCIA controller
• Twenty-eight general-purpose I/O ports
• Real-time clock with interrupt capability
• On-chip oscillators for clock sources
• Interrupt controller
• Power-management features
— Normal (full-on) mode
— Idle (power-down) mode
— Sleep (power-down) mode
• Four general-purpose interruptible timers
• 12-Mbps USB device controller
• Synchronous serial port (UCB1100,
UCB1200, SPI, TI, Wire)
Table 1-4.
Feature Additions to the SA-1110 from the SA-1100
• Synchronous DRAM (SDRAM) support
• Synchronous mask ROM (SMROM)
support (32-bit only) on CS0-3
• Ready input signal for variable latency I/O
devices (for example, graphics chips)
• CS4 and CS5 for variable latency I/O
devices, ROM, or Flash memory
• CS3 support for variable latency I/O
devices (instead of SRAM)
• Support for burst (page-mode) read
timings from Flash memory
• Support for 16-bit data busses on all
memory types (except SMROM)
• Support for SRAM, DRAM, and SDRAM
in the same system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com