Electronic Components Datasheet Search
  English  ▼

X  

SA1110 Datasheet(PDF) 49 Page - Intel Corporation

Part # SA1110
Description  Intel StrongARM SA-1110 Microprocessor
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SA1110 Datasheet(HTML) 49 Page - Intel Corporation

Back Button SA1110 Datasheet HTML 45Page - Intel Corporation SA1110 Datasheet HTML 46Page - Intel Corporation SA1110 Datasheet HTML 47Page - Intel Corporation SA1110 Datasheet HTML 48Page - Intel Corporation SA1110 Datasheet HTML 49Page - Intel Corporation SA1110 Datasheet HTML 50Page - Intel Corporation SA1110 Datasheet HTML 51Page - Intel Corporation SA1110 Datasheet HTML 52Page - Intel Corporation SA1110 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 406 page
background image
SA-1110 Developer’s Manual
5-5
Coprocessors
5.2.5
Register 4 – RESERVED
Accessing register 4 may yield unpredictable results.
5.2.6
Register 5 – Fault Status
Reading register 5 returns the current contents of the fault status register (FSR). The FSR is written
when a data memory fault occurs or can be written by an MCR to the FSR. It is not updated for a
prefetch fault. See Chapter 7, “Memory Management Unit (MMU)” for more details. Bits 31:10
are undefined on read, ignored on write. Bit 9 is set when a data breakpoint is taken and can be
cleared by an MCR operation. Bit 8 is ignored on write and is always returned as zero. Refer to the
ARM Architecture Reference for a description of the domain and status fields.
5.2.7
Register 6 – Fault Address
Reading register 6 returns the current contents of the fault address register (FAR). The FAR is
written when a data memory fault occurs with the virtual address of the data fault or can be written
by an MCR to the FAR.
5.2.8
Register 7 – Cache Control Operations
Register 7 is a write-only register. The CRm and OPC_2 fields are used to encode the cache control
operations. Operation for all other values for OPC_2 and CRm is unpredictable.
Register 5 – Fault Status
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Undefined
D0
Domain
Status
Register 6– Fault Address
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Fault Virtual Address
Function
OPC_2
CRm
Data
Flush I+D
0b000
0b0111
Ignored
Flush I
0b000
0b0101
Ignored
Flush D
0b000
0b0110
Ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com