Electronic Components Datasheet Search
  English  ▼

X  

VT82C42 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VT82C42
Description  VT82C42 Keyboard Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C42 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VT82C42 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VIA Technologies, Inc.
VT82C42
-2-
The host can program the output port (P20-P23 in AT mode, or P20-P21 in PS/2 mode) or in-out port (P10-
P15 in AT mode, or P12-P15 in PS/2 mode) by issuing a command to the command register on the VT82C42.
The controller will then quickly execute the specified command. Note that P16-P17 is implemented as an
input port only. The host can also transmit data to the keyboard and mouse by issuing a command to the data
register. The data coming to the data register (with A0 = 0, CS# = 0, RD# = 1, and WR# = 0) will be sent to
the keyboard via the keyboard serial interfaces. The data sent to the mouse will be completed by 1) issuing a
D4 command to the command register, 2) then writing the following data byte to the data register (to be sent to
the mouse via mouse serial interface). In either case, the VT82C42 will wait for an acknowledgement from the
keyboard or mouse to complete a transmission. At the same time as the completion of the transmission, the
VT82C42 will raise P24 or P25 (when sending data to mouse) to signal the host of a completion of
transmission. When the controller receives or transmits, the controller does a parity and time-out check. If any
error occurs in the interface or inside the external devices (keyboard or mouse), the controller will reflect that
error in the following status register.
command
decoder
+
scan
mapping
datainput buffer
commandregister/
dataregister
dataoutput buffer
status register
arbitration&
central control
unit
timer
X1, X2
A0
CS
D[7:0]
receivingunit
transmittingunit
clocking
(8 Mhz)
In/Out
port buffer
KBCK
KBDT
MSCK
MSDT
P[17:10]
P[27:20]
RESET
IOR
IOW
mode
selector
T1
T0
Fig 1. Block Diagram for VT82C42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com