Electronic Components Datasheet Search
  English  ▼

X  

VT82C42 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VT82C42
Description  VT82C42 Keyboard Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C42 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VT82C42 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
VIA Technologies, Inc.
VT82C42
-8-
XTAL1
XTAL2
CLOCK (1-12 MHz)
Figure 6. Clocking from other clock source for VT82C42
2. A transmission from Keyboard Controller to external device
* bitp means parity bit, bits means stop bit.
* CLOCK is driven by external device except the leading 250
µs & ending 60µs low time.
* DATA is driven by KBC except the low time after the stop bit.
* If the maximum (a), (b), or (c) cannot be met, KBC will terminate the transmission with a timeout error.
DATA
CLOCK
bit0
bit1
bit2
250us
.......
.......
90us
bitp
60us
15ms max.(a)
wait for response end
20ms max. (c)
2ms max. (b)
6us max.
30us min.
bit7
bits
Fig 7.Timing from KBC to external device
3. A transmission from external device to Keyboard Controller
* CLOCK is driven by external device except the ending 60
µs low time.
* DATA is driven by external devices.
* If the maximum (a) cannot be met, KBC will terminate the transmission with a timeout error.
.......
CLOCK
DATA
bit0
bit1
bit2
.......
bitp
3us min.
30us min.
3us min.
60us
8us
2ms max. (a)
bit7
Fig 8.Timing from external device to KBC
4
. Upon recieving commands which program the output ports from the host , the controller will put the
corresponding data to the output port within 6 clocks. There is one exception, P20 is connected to system reset
on a typical desktop application. For software compatibility the output of P20 is delayed for 4~8µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com