Electronic Components Datasheet Search
  English  ▼

X  

VT82C42 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VT82C42
Description  VT82C42 Keyboard Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C42 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VT82C42 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82C42 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
VIA Technologies, Inc.
VT82C42
-6-
6. VT82C42 Signal Description
Table 4. Signal Description for VT82C42
Symbol
40-Pin
44-Pin
Type
Name and Function
D
0
-D
7
(BUS)
12-19
14-20
I/O
Act as data input or data output.
P
10
-P
13
27-30
30-33
I/O
Pullup open drain port. Writing a '1' to these ports tri-states the
ports. Act as input 'high' simultaneously if no outside 'low'
connection. Writing a '0' to these ports results in generating a low
on the port.
P
20
-P
27
21-24
35-38
24-27
39-42
O
Output Port 20 - Output Port 23
Output Port 24 - Output Port 27
P14-P15
31, 32
35, 36
I/O
Pullup open drain port. Writing a '1' to these ports tri-states the
ports. Act as input 'high' simultaneously if no outside 'low'
connection. Writing a '0' to these ports results in generating a low
on the port.
P16-P17
33, 34
37, 38
I
Input port 16, Input port 17
WR#
10
11
I
Act as a write signal.
RD#
8
9
I
Act as a read signal.
CS#
6
7
I
Chip select of this chip.
A0
9
10
I
Command/Data select when RD# or WR# is active.
TEST 0,
TEST 1
1
39
2
43
I
Act as Keyboard clock input in both AT mode & PS2 mode
Act as Keyboard Data input in AT mode. Act as Mouse Clock
input in PS2 mode.
XTAL 1,
XTAL 2
2
3
3
4
I
Act as clock input to the chips. Can be connected to LC circuit or
a single clock source (X2).
TH_SS
TH_PROG
TH_SSPP
5
25
26
6
28
29
I
Tie to VCC
TL_EA
7
8
I
Tie to ground.
SYNC
11
12
O
Internal state synchronous output.
NC
1, 13, 23,
34
I
No connection.
RESET#
4
5
I
A low in this pin reset the chip to a known state.
VCC
40
44
Power supply of 4.5 to 5.5v.
GND
20
22
Ground.
1. Description for Table 4
RESET# is active low and is only an input pin. VT82C42 requires 10 clocks before RESET# goes to high to
have the chip go to a known state.
Pins WR#, RD#, CS# and Ao are all input only pins and must activate for at least one clock cycle width to be
recognised by the VT82C42.
D0-d7 are two-way pins, each having 4mA TTL compatible output driving. When D0-D7 is provided by the
host, write cycle data should cover all the WR# CS# A0 command width. When the D0-D7 is provided by the
VT82C42, the D0-D7 is available as long as the RD#=0 CS#=0 command is asserted and is held one clock
cycle after the command is deasserted.
TEST0,TEST1 are input only pins. TEST0 is expected to connect to KBCLK no matter what mode the
VT82C42 is in. TEST1 is expected to connect to KBDATA when in AT-mode, and is expected to connect to
MSCLK when in PS/2 mode. They have a 50K ohm pull up internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com