Electronic Components Datasheet Search
  English  ▼

X  

WT8045 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WT8045
Description  Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8045 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WT8045 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
WT8045
Synchronous
Signal
Discriminator
and
Power Saving Detector for Green Monitor


Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
OSCin
HSin
OSCout
VSin
H_out
V_out
VDD
WT8045N24P1
F43.5K
F36.2K
QV128
QVRC
Vss
QHRC
QH
640x400
640x480
800x600(48K)
17
18
19
20
21
22
23
24
800x600(37.5K)
800x600(35.2K)
1024x768(56.5K)
1024x768 (I)
F33K
640x350
1024x768 (NI)
13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OSCin
HSin
OSCout
VSin
H_out
V_out
VDD
WT8045N24P3
F43.5K
F36.2K
PM3
PM1
Vss
QHRC
QH
640x400
640x480
800x600(48K)
17
18
19
20
21
22
23
24
800x600(37.5K)
800x600(35.2K)
1024x768(56.5K)
1024x768 (I)
F33K
640x350
1024x768 (NI)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OSCin
HSin
OSCout
VSin
Hout
Vout
VDD
WT8045N24P4
F36.2K
F33K
NC
NC
VSS
PM1
PM2
PM3
NC
640x350
(31.5K/37.5K)
640x480
(37.5K/72Hz)
640x400(31.5K)
17
18
19
20
21
22
23
24
640x480(31.5K)
800x600(35.2K)
NC
800x600(37.5K)
1024x768 (I)
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
OSCin
HSin
OSCout
VSin
H_out
V_out
VDD
WT8045N24P5
F43.5K
F36.2K
QV1
QVRC
Vss
QHRC
QH
640x400
640x480
800x600(48K)
17
18
19
20
21
22
23
24
800x600(37.5K)
800x600(35.2K)
1024x768(56.5K)
1024x768 (I)
F33K
640x350
1024x768 (NI)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com