Electronic Components Datasheet Search
  English  ▼

X  

WT8045 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WT8045
Description  Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8045 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WT8045 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
WT8045
Synchronous
Signal
Discriminator
and
Power Saving Detector for Green Monitor


Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
2
•
Power supply voltage: DC 5 volts; but for those pins with open-drain structure, such like the
mode select control output and frequency discrimination control output pins, can be connected to
12 volts through pull-high resistor.
APPLICATION
•
Auto size control for Multi-Sync Display Monitors
ORDERING INFORMATION
Part No.
Package
Note
WT8045N24P1
P-DIP 24L
V * 128
WT8045N24P3
P-DIP 24L
Without Mute
WT8045N24P4
P-DIP 24L
Without Mute
WT8045N24P5
P-DIP 24L
V * 1
WT8045N24P6
P-DIP 24L
With Mute
WT8045N24P7
P-DIP 24L
Without Mute
WT8045N24P8
P-DIP 24L
With Mute
WT8045N28P1
P-DIP 28L (skinny)
V * 128 Without Mute
WT8045N28P2
P-DIP 28L (skinny)
V * 128 Without Mute
WT8045N28P3
P-DIP 28L (skinny)
V * 1 Without Mute
WT8045N28P4
P-DIP 28L (skinny)
V * 128 With Mute
WT8045N28P5
P-DIP 28L (skinny)
V * 1 With Mute
WT8045N28P6
P-DIP 28L (skinny)
V * 1 Without Mute
WT8045N28P7
P-DIP 28L (skinny)
V * 128 With Mute
WT8045N28P8
P-DIP 28L (skinny)
V * 1 With Mute
WT8045N32
P-DIP 32L
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com