Electronic Components Datasheet Search
  English  ▼

X  

WT8045 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # WT8045
Description  Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8045 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button WT8045 Datasheet HTML 12Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 13Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 14Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 15Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 16Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 17Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 18Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 19Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
WT8045
Synchronous
Signal
Discriminator
and
Power Saving Detector for Green Monitor


Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
16
In case of using output pulse of V_MONO_STABLE as voltage source, in order to prevent the
problem of slow response time, causing from the low frequency on vertical synchronous signal,
WT8045 internally increases the vertical signal frequency to 128 times the original frequency,
that is from 50Hz - 120 Hz to 6.4KHz - 15.36KHz. Then WT8045 uses this increased frequency
as the input signal of MONO_STABLE, so the leading edge of the signal of the increased
frequency will trigger the MONO_STABLE circuit.
An external resistor (Rx) and an external capacitor (Cx) control the timing and accuracy of the
circuit. Adjustment of Rx and Cx provides a wide range of output pulse widths from the Q and
Q-bar terminals. The delay time from trigger input to output transition is independent of Rx and
Cx.
The minimum value of external resistor Rx is 10k ohms. The typical value of external capacitor
Cx is 100 pF. The time period (T) for this multi-vibrator can be calculated with the formula: T
≈
1.1 Rx
• Cx.
H/V Frequency Divisions and Video Modes
Figure 1 illustrates the typical frequency ranges of H and V sync signals for display monitors.
The operating video modes are determined by the H and V frequencies, and occasionally, by
their polarities. The typical video modes of display monitors include the IBM VGA, VESA VGA,
European VGA/super VGA, VESA super VGA, IBM 8514/A, XGA, and 1280x 1024.
WT8045 can determine 13 standard video modes for 32 pin package (refer to Table 3) according
to H and V frequencies and polarities. These standard video modes include the IBM VGA,
VESA VGA, VESA super VGA and IBM 8514/A. This provides the users with the capability to
adjust the screen size for different modes.
WT8045 pre-sets the discriminating points both on H and V frequencies. The discriminating
points for H sync are 33KHz, 36.2KHz, 43.5KHz, 52KHz and 60KHz (for 32 pin). These
discriminating points will be able to identify various video modes as shown in Fig. 1. WT8045
also provides the flexibility for users to define these discriminating points through mask option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com