Electronic Components Datasheet Search
  English  ▼

X  

WT8045 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WT8045
Description  Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8045 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WT8045 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 11Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 12Page - List of Unclassifed Manufacturers WT8045 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
WT8045
Synchronous
Signal
Discriminator
and
Power Saving Detector for Green Monitor


Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
9
MONO_STABLE DYNAMIC ELECTRICAL CHARACTERISTICS
(Ta=25
°C; Input tr,tf=20ns, CL=50PF)
ITEM
MIN.
TYP.
MAX.
UNITS
Input H_SYNC Pulse Width
0.558
¡ Ð
4
£ gs
Input V_SYNC Pulse Width
0.0384
¡ Ð
0.125
ms
Output Pulse Transition Time
¡ Ð
100
200
ns
Output Pulse Propagation Delay
¡ Ð
300
600
ns
Output Pulse Width Adjust Range
10
¡ Ð
90
¢ M
H_MONO_STB:
31KHz¡ Ð
37.5KHz
26.66
£ gs
31KHz¡ Ð
48KHz
20.83
£ gs
31KHz¡ Ð
57KHz
17.54
£ gs
31KHz¡ Ð
64KHz
15.62
£ gs
V_MONO_STB:
(50Hz¡ Ð
120Hz)*128
6.4KHz¡ Ð
15.36KHz
65.10
£ gs
(50Hz¡ Ð
80Hz)*128
6.4KHz¡ Ð
10.2KHz
97.66
£ gs
(50Hz¡ Ð
120Hz)*1
10
ms
Typical Pulse width Variation as a
function of Temperature at 75¢ Jto
24 ¢ J
¡ Ð
¡ Ð
¡ Ó2
¢ M
Typical Pulse Width Variation as a
function of Supply Voltage at
4.75V to 5.25V
¡ Ð
¡ Ð
¡ Ó2
¢ M
Output Low (Sink) Current
1
¡ Ð
6
mA
Output Voltage Low-Level
¡ Ð
0
0.05
V
Output Voltage High-Level
4.95
¡ Ð
V
Output Jitter (Hout & Vout)
Hin & Vin Rise time and Fall time = 200ns
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com