Electronic Components Datasheet Search
  English  ▼

X  

ALT6526P9 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ALT6526P9
Description  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6526P9 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ALT6526P9 Datasheet HTML 1Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 2Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 3Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
DATA SHEET - Rev 2.5
07/2013
ALT6526
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure to
absolute ratings for extended periods of time may adversely affect reliability.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VBATT, VCC,VCC1)0
+5
V
Control Voltages (VMODE, VBAND0/1)0
+3.5
V
Enable Voltages (VEN_HI, VEN_LO)0
+3.5
V
Input RF power (RFIN_HI, RFIN_LO)-
+10dBm
Storage temperature-40
+150
C
Table 3: DC Operating Parameters
PARAMETER
MIN
TYP
MAX
UNIT COMMENTS
Supply Voltage (VCC & VCC1)
+0.7
+3.3
+4.35
V
Supply Voltage (VBATT)
+2.9
+3.3
+4.35
V
Control Voltages (VMODE, VBAND0/1)
+1.35
0
+1.8
-
+3.1
+0.4
V
Select High State
Select Low State
Enable Voltage (VEN_HI, VEN_LO)
+1.35
0
+1.8
-
+3.1
+0.4
V
Select High State
Select Low State
Mode Control Current
-
<0.1
0.12
mA
through VMODE pin, VMODE = +1.8 V
Enable Current
-
<0.1
0.12
mA
through VEN_HI, VEN_LO
BAND Control Current
-
<0.1
0.12
mA
through VBAND0 or VBAND1 pins
BATT Current
-
2.3
5
mA
through VBATT pin, VMODE = +1.8 V
Leakage Current (total)
-
<5
11
µA
VBATT = +4.5 V, VCC = +4.5 V,
Shutdown Mode
(All VBATT & VCC Pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com